Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90327-3304 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 90327-3304
Description  1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX10 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90327-3304 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  90327-3304 Datasheet HTML 1Page - Molex Electronics Ltd. 90327-3304 Datasheet HTML 2Page - Molex Electronics Ltd. 90327-3304 Datasheet HTML 3Page - Molex Electronics Ltd. 90327-3304 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0903273354
Status:
Active
Description:
1.27mm (.050") Pitch Picoflex® PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural,
Gold Plated, Reeling Option D
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90327
Comments
Low Profile|Reeling Option D
Component Type
Housing
Glow-Wire Compliant
No
Product Name
Picoflex®
Physical
Circuits (Loaded)
4
Color - Resin
Natural
Durability (mating cycles max)
100
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Polarized to Mating Part
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.00mm (.039") max.
Wire Size AWG
26, 28
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SDA-90327
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90327Series
Mates With
Low Profile Vertical 90325 , Low Profile
Right Angle 90800 , 90715 , 90814 , 90779
Vertical
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
(Plastic) for 90327
Connector, 4-26
Circuit
0690081070
Semi-Automatic
PB14 Bench Press
with Auto De-
0691271004


Numéro de pièce similaire - 90327-3304

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90327-3304 MOLEX10-90327-3304 Datasheet
167Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option A
90327-3304 MOLEX10-90327-3304 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option B
90327-3304 MOLEX10-90327-3304 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option C
90327-3304 MOLEX10-90327-3304 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Gold Plated
90327-3304 MOLEX2-90327-3304 Datasheet
1Mb / 20P
   1.27mm IDT Connector System for Ribbon Cable Applications
More results

Description similaire - 90327-3304

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0903273351 MOLEX10-0903273351 Datasheet
167Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option A
0903273353 MOLEX10-0903273353 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option C
0903273374 MOLEX10-0903273374 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 14 Circuits, Natural, Gold Plated, Reeling Option D
0903273362 MOLEX10-0903273362 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 8 Circuits, Natural, Gold Plated, Reeling Option D
0903273316 MOLEX10-0903273316 Datasheet
123Kb / 3P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Gold Plated, Reeling Option D
0903273352 MOLEX10-0903273352 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Gold Plated, Reeling Option B
0903273358 MOLEX10-0903273358 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Gold Plated, Reeling Option D
0903270354 MOLEX10-0903270354 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 4 Circuits, Natural, Tin Plated, Reeling Option D
0903273363 MOLEX10-0903273363 Datasheet
166Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 10 Circuits, Natural, Gold Plated, Reeling Option A
0903273376 MOLEX10-0903273376 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 16 Circuits, Natural, Gold Plated, Reeling Option B
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com