Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90136-2309 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 90136-2309
Description  2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX10 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90136-2309 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  90136-2309 Datasheet HTML 1Page - Molex Electronics Ltd. 90136-2309 Datasheet HTML 2Page - Molex Electronics Ltd. 90136-2309 Datasheet HTML 3Page - Molex Electronics Ltd. 90136-2309 Datasheet HTML 4Page - Molex Electronics Ltd. 90136-2309 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0901362309
Status:
Active
Overview:
cgrid_iii
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Single Row, Right Angle, Shrouded, 9
Circuits, 0.76µm (30µ") Gold (Au) Selective Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90136
Application
Wire-to-Board
Overview
cgrid_iii
Product Name
C-Grid III™
Physical
Breakaway
No
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30.48
Plating min: Mating (µm)
0.762
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
350V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90136Series
Mates With
90123 C-Grid III™ Modular Crimp Housing.
90156 C-Grid III™ Crimp Housing


Numéro de pièce similaire - 90136-2309

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90136-2302 MOLEX10-90136-2302 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90136-2303 MOLEX10-90136-2303 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90136-2304 MOLEX10-90136-2304 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90136-2305 MOLEX10-90136-2305 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
90136-2306 MOLEX10-90136-2306 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Description similaire - 90136-2309

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0901362330 MOLEX10-0901362330 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901210929 MOLEX10-0901210929 Datasheet
210Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901361309 MOLEX10-0901361309 Datasheet
171Kb / 4P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Vertical, Shrouded, 9 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362310 MOLEX10-0901362310 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362332 MOLEX10-0901362332 Datasheet
265Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 32 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362308 MOLEX10-0901362308 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 8 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362304 MOLEX10-0901362304 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362305 MOLEX10-0901362305 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 5 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362325 MOLEX10-0901362325 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 25 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0901362312 MOLEX10-0901362312 Datasheet
266Kb / 5P
   2.54mm (.100) Pitch C-Grid III??Header, Single Row, Right Angle, Shrouded, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com