Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90148-1112 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 90148-1112
Description  2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 12 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX10 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90148-1112 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  90148-1112 Datasheet HTML 1Page - Molex Electronics Ltd. 90148-1112 Datasheet HTML 2Page - Molex Electronics Ltd. 90148-1112 Datasheet HTML 3Page - Molex Electronics Ltd. 90148-1112 Datasheet HTML 4Page - Molex Electronics Ltd. 90148-1112 Datasheet HTML 5Page - Molex Electronics Ltd. 90148-1112 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Grounding to PCB
No
Voltage - Maximum
350V AC/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90148
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 90148-1112

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90148-1110 MOLEX10-90148-1110 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 10 Circuits
90148-1115 MOLEX10-90148-1115 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 15 Circuits
90148-1116 MOLEX10-90148-1116 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 0.8關m (30關) Gold (Au) Selective, 16 Circuits
90148-1118 MOLEX10-90148-1118 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 18 Circuits
More results

Description similaire - 90148-1112

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0901481130 MOLEX10-0901481130 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 30 Circuits
0901481107 MOLEX10-0901481107 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 7 Circuits
0901481105 MOLEX10-0901481105 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 5 Circuits
0901481104 MOLEX10-0901481104 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 4 Circuits
0901481103 MOLEX10-0901481103 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 3 Circuits
0901481110 MOLEX10-0901481110 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 10 Circuits
0901481132 MOLEX10-0901481132 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 32 Circuits
0901481106 MOLEX10-0901481106 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 6 Circuits
0901481118 MOLEX10-0901481118 Datasheet
370Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 18 Circuits
0901483101 MOLEX10-0901483101 Datasheet
414Kb / 7P
   2.54mm (.100) Pitch C-Grid짰 PC Board Connector, Single Row, Right Angle, 1.0關m (40關) Tin (Sn), 2 Circuits
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com