Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2911 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce 2SC2911
Description  160V/140mA High-Voltage Switching AF 100W Predriver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2911 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  2SC2911 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Numéro de pièce similaire - 2SC2911

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC2911 SANYO-2SC2911 Datasheet
46Kb / 5P
   160V/140mA High-Voltage Switching and AF 100W Predriver Applications
logo
Inchange Semiconductor ...
2SC2911 ISC-2SC2911 Datasheet
104Kb / 2P
   High Switching Speed
More results

Description similaire - 2SC2911

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
   160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
   High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
   High-Voltage Switching,AF 100W Driver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com