Moteur de recherche de fiches techniques de composants électroniques |
|
90572-1501 Fiches technique(PDF) 1 Page - Molex Electronics Ltd. |
|
90572-1501 Fiches technique(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0905721501 Status: Active Description: 2.54mm (.100") Pitch QF-50™ Header, Right Angle, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 50 Circuits, 0.1 µm Gold (Au) Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Ribbon Cable / Wire Trap Connectors Series 90572 Comments Eject Levers Component Type PCB Header Glow-Wire Compliant No Product Name QF-50™ Physical Circuits (Loaded) 50 Circuits (maximum) 50 Color - Resin Black Durability (mating cycles max) 50 Entry Angle 90° Angle Flammability 94V-0 Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 2 PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Plating min: Mating (µin) 4 Plating min: Mating (µm) 0.1 Plating min: Termination (µin) 120 Plating min: Termination (µm) 3 Polarized to Mating Part Yes Polarized to PCB No Shrouded Yes Stackable Yes Surface Mount Compatible (SMC) No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Wire Insulation Diameter N/A Wire Size AWG N/A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90572Series Mates With 90635 QF-50™ Female Housing |
Numéro de pièce similaire - 90572-1501 |
|
Description similaire - 90572-1501 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |