Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-8021 Fiches technique(PDF) 2 Page - Sanken electric

No de pièce SI-8021
Description  Separate Excitation Switching Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8021 Fiches technique(HTML) 2 Page - Sanken electric

  SI-8021 Datasheet HTML 1Page - Sanken electric SI-8021 Datasheet HTML 2Page - Sanken electric SI-8021 Datasheet HTML 3Page - Sanken electric SI-8021 Datasheet HTML 4Page - Sanken electric SI-8021 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
87
qSTR7000+SI-8020 Series
sElectrical Characteristics: 6A Type
(Ta=25
°C)
Unit
V
V
%
kHZ
mV
mV
dB
A
A
sElectrical Characteristics: 12A Type
(Ta=25
°C)
Unit
V
V
%
kHZ
mV
mV
dB
A
A
Symbol
VIN
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
RREJ
Conditions
IS1
IS2
Conditions
Parameter
DC Input Voltage Range
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Ripple Rejection
Overcurrent Protection Starting Current
Limited Current at Overcurrent
Protection Operation
Parameter
DC Input Voltage Range
Output Voltage
Efficiency
Switching Frequency
Line Regulation
Load Regulation
Ripple Rejection
Overcurrent Protection Starting Current
Limited Current at Overcurrent
Protection Operation
Ratings
STR7101+SI-8020
STR7102+SI-8021
STR7102+SI-8022
STR7103+SI-8023
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
11
40
18
50
21
50
30
50
5.0
5.1
5.2
11.8
12.0
12.2
14.8
15.0
15.2
23.7
24.0
24.3
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
70
82
84
87
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
35
35
35
35
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
80
120
150
200
VIN=15 to 25V, IO=6.0A
VIN=22 to 32V, IO=6.0A
VIN=25 to 35V, IO=6.0A
VIN=35 to 45V, IO=6.0A
30
40
40
50
VIN=20V, IO=3 to 9A
VIN=27V, IO=3 to 9A
VIN=30V, IO=3 to 9A
VIN=40V, IO=3 to 9A
45
45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
12
15
12
15
12
15
12
15
12
15
12
15
12
15
12
15
RS=0.01
RS=0.01
RS=0.01
RS=0.01
Ratings
STR7001+SI-8020
STR7002+SI-8021
STR7002+SI-8022
STR7003+SI-8023
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
11
40
18
50
21
50
30
50
5.0
5.1
5.2
11.8
12.0
12.2
14.8
15.0
15.2
23.7
24.0
24.3
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
72
84
86
90
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
35
35
35
35
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
80
120
150
200
VIN=15 to 25V, IO=3.0A
VIN=22 to 32V, IO=3.0A
VIN=25 to 35V, IO=3.0A
VIN=35 to 45V, IO=3.0A
30
40
40
50
VIN=20V, IO=1 to 5A
VIN=27V, IO=1 to 5A
VIN=30V, IO=1 to 5A
VIN=40V, IO=1 to 5A
45
45
45
45
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
f=100 to 120HZ
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
6.0
7.5
RS=0.02
RS=0.02
RS=0.02
RS=0.02
Symbol
VIN
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
RREJ
Conditions
IS1
IS2
Conditions


Numéro de pièce similaire - SI-8021

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI-8023B ETC1-SI-8023B Datasheet
254Kb / 2P
   Switching voltage regulator
SI-8023B ETC1-SI-8023B Datasheet
254Kb / 2P
   SWITCHING VOLTAGE REGULATOR
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
More results

Description similaire - SI-8021

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com