Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STR9000 Fiches technique(PDF) 3 Page - Sanken electric

No de pièce STR9000
Description  5-Terminal, Low Dropout Voltage Dropper Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR9000 Fiches technique(HTML) 3 Page - Sanken electric

  STR9000 Datasheet HTML 1Page - Sanken electric STR9000 Datasheet HTML 2Page - Sanken electric STR9000 Datasheet HTML 3Page - Sanken electric STR9000 Datasheet HTML 4Page - Sanken electric STR9000 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
68
sTa-PD Characteristics
sStandard External Circuit
C1: Oscillation prevention capacitor (approx. 0.33
µF)
Connection to terminal No.4 must be made as short as
possible.
C2: Output capacitor (47 to 100
µF)
Connection to terminal No.1 must be made as short as
possible.
D1: Protection diode (RM1Z)
Required for protection against reverse biasing of input
and output.
Note 1: Prevention of oscillation at low temperatures
At low temperatures, oscillation may occur unless an
output capacitor with good tan
δ is used. Be sure to
connect a tantalum capacitor (approx. 10
µF) in par-
allel with output capacitor C2.
Note 2: An isolation type diode is provided from input to
ground and also from output to ground. These may
be destroyed if the device is reverse biased. In this
case, use a diode with low VF to protect them.
qSTR9000 Series
VIN
VO
D1
C2
C1
32
41
5
STR9000
+
DC input
DC output
24
20
16
12
8
4
0
–20
0
25
Ambient Temperature Ta (
°C)
50
75
100
150
×150×2(3.3°C/W)
100
×100×2(5.2°C/W)
75
×75×2(7.6°C/W)
Without heatsink
Without Mica
With Slicon Grease
Heatsink: Aluminum
Unit: mm


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn