Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA3005M Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SLA3005M
Description  4-Output, Low Dropout Voltage Dropper Type for USB Hub
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3005M Fiches technique(HTML) 1 Page - Sanken electric

  SLA3005M Datasheet HTML 1Page - Sanken electric SLA3005M Datasheet HTML 2Page - Sanken electric SLA3005M Datasheet HTML 3Page - Sanken electric SLA3005M Datasheet HTML 4Page - Sanken electric SLA3005M Datasheet HTML 5Page - Sanken electric SLA3005M Datasheet HTML 6Page - Sanken electric SLA3005M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
DC Input Voltage
Voltage of Output Control Terminal
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction-to-case)
Thermal Resistance (junction-to-ambient air)
Ratings
SLA3005M/3006M
SLA3007M
20
18
VIN
0.5
30(With infinite heatsink)
3.36(Without heatsink, stand-alone operation)
–30 to +125
–30 to +100
–30 to +125
9.0
29.8(Without heatsink, stand-alone operation)5V/0.5A
× 4
sFeatures
• 4 regulators combined in one package
• Insulated single inline package
• SLA3005M/3006M with 5V/0.5A
× 4 outputs and SLA3007M with 5V/0.5A × 3,
3.3V/0.5A
× 1 outputs
• Low dropout voltage: VDIF
≤0.5V (at IO=0.5A)
• Output-independent ON/OFF control terminal compatible with LS-TTL (Active
High)
• Output-independent overcurrent and thermal protection circuits built in
• Open collector flag-output terminals built in to output OCP operation to each
output terminal (Active Low)
• SLA3005M/3007M (excluding Reg4) for VO shutdown aft
πer OCP operation and
SLA3006M for continuous OCP operation
• Built-in anti-malfunction delay circuit whose time can be set with an external
capacitor
sApplications
• USB hub power supplies
• Electronic equipment
sAbsolute Maximum Ratings
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
VC
IO
PD1
PD2
Tj
TOP
Tstg
Rt(j-c)
Rth(j-a)
4-Output, Low Dropout Voltage Dropper Type for USB Hub
SLA3005M/3006M/3007M
qSLA3005M/3006M/3007M
Unit
V
A
°C
°C
Symbol
VIN
IO
Tjop
Taop
(Ta=25
°C)
sRecommended Operating Conditions
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Ambient Operating Temperature Range
Ratings
5.5 to 10
0 to 0.5
–20 to +100
–20 to +85


Numéro de pièce similaire - SLA3005M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3001M ALLEGRO-SLA3001M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3002M SANKEN-SLA3002M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3002M ALLEGRO-SLA3002M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3004M SANKEN-SLA3004M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

Description similaire - SLA3005M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com