Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-8200L-1 Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SI-8200L-1
Description  Switching Type(Self Oscillation Type with Coil)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8200L-1 Fiches technique(HTML) 3 Page - Sanken electric

  SI-8200L-1 Datasheet HTML 1Page - Sanken electric SI-8200L-1 Datasheet HTML 2Page - Sanken electric SI-8200L-1 Datasheet HTML 3Page - Sanken electric SI-8200L-1 Datasheet HTML 4Page - Sanken electric SI-8200L-1 Datasheet HTML 5Page - Sanken electric SI-8200L-1 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
29
s Outline Drawing (unit: mm)
SI-8201L• 8202L• 8203L• 8204L
SI-8221L
a. Type
b. Lot number
Open Air Type
Weight: Approx. 5.1 g
a. Type
b. Lot number
Open Air Type
Weight: Approx. 5.1 g
a. Type
b. Lot number
Open Air Type
Weight: Approx. 5.9 g
a. Type
b. Lot number
Open Air Type
Weight: Approx. 14.5 g
q
y
t
!0
Vin
Vo
0.8max.
a
b
Lin
GND
(10.16)
(7.62)
(2.19)
(2.17)
14.5
±0.5
Terminal 1 marking
φ
q
e
w
r
Vin
Vo
0.8max
a
b
Lin
GND
(10.16)
(7.62)
(2.19)
(2.17)
14.5
±0.5
Terminal 1 marking
φ
q
y
t
!0
Vin
a
b
Vo
Lin
GND
20.5max.
Terminal 1 marking
15
10.1
6
6
7.6
55
22
0.8
φ
y
qwe
r
a
SK
b
Vin
Vo
NC GND
Lin
26
±0.1
Terminal 1 marking
0.6
418
2
φ
VIN
GND
SI-8200L
8221L
VIN
GND
LIN
++
C1
220
µF
C2
470
µF
DC Input
DC output
GND
VOUT
VOUT
VIN
VIN
NC
GND
SI-8300L
GND
GND
LIN
++
C1
470
µF
C2
470
µF
DC Input
DC output
VOUT
VOUT
SI-8211L•8213L
SI-8301L•8303L
s Standard External Circuit


Numéro de pièce similaire - SI-8200L-1

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
More results

Description similaire - SI-8200L-1

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
   Switching Type(Chopper Self Oscillation Type)
STR2000 SANKEN-STR2000 Datasheet
40Kb / 3P
   Switching Type(Chopper * Self Oscillation Type)
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
   Self Oscillating Switching Type with Coil
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
   Self-excitation Type Feedback Control Switching Regulator
logo
Panasonic Semiconductor
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
logo
Sanyo Semicon Device
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
   Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com