Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-7230M Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SI-7230M
Description  Bipolar Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7230M Fiches technique(HTML) 1 Page - Sanken electric

  SI-7230M Datasheet HTML 1Page - Sanken electric SI-7230M Datasheet HTML 2Page - Sanken electric SI-7230M Datasheet HTML 3Page - Sanken electric SI-7230M Datasheet HTML 4Page - Sanken electric SI-7230M Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
50
SI-7230M
(Ta = 25
°C)
s Ratings
Absolute
Supply voltage
Peak voltage of
Output current
Junction
Operating
Storage
maximum
pins CA and CB
temperature
ambient
temperature
rating
(V)
(V)
(A)
(
°C)
temperature (
°C)
(
°C)
Type No.
VCC1
VCC2
VSP
Io
Tj
Top
Tstg
SI-7230M
50
7
70
3.2
+125
–20 to +80
–30 to +100
s Characteristics
Electrical
Supply voltage
Output current
*Comparator threshold voltage
Excitation signal
Excitation
Oscillation
VCC2
charac-
input voltage
signal
frequency
input
teristics
input
current
current
(V)
(mA/ø)
(V)
(V)
(mA)
(kHz)
(mA)
VCC1
VCC2
IO
IOM
VTHF
VTHPD
VIL(ON)
VIH(OFF)
IIL
FICC2
Type No.
min
typ
max min
typ
max min max min
typ
max min
typ
max min
typ max min max min max
max
min
typ
max
max
SI-7230M
15
30
45
4.5
5
5.5
200 3000 535
580
625 1.025 1.125 1.225 0.515 0.555 0.595
0
0.5
VCC2 VCC2
1.6
19
21
25
150
–0.4
+2
*VTHF : Conditions shown in the standard external connection diagram with VCC2 = 5V and RS = 1
VTHPD : Conditions shown in the standard external connection diagram with RX = 1k
Ω, VCC2 = 5V and RS = 1Ω
s Block diagram
s Equivalent circuit diagram
Auxiliary power
supply VCC2
Main power
supply VCC1
Reference
voltage
Comparator
amplifiter
Current
controller
M
Excitation signal amplifier
Counter EMF
Canceller
Trigger pulse
generator
circuit
SI-7230M
Variable current
resistor Rx
Excitation signal
(4-phase)
Current detection
resistor RS
+
CA, CB
AIN
CA
72
AOAO
45
AIN
8
BIN
15
CB
20
D10
BO
18
BO
17
BIN
14
1
VCC1
10
VCC2
R49
11
VREF
R50
9
VrefA
G
12
13
VrefB
R47
+
1C2/2
R45
63
RSA G
R43 R41
R13
R5
R9
D9
R1
Tr1
D1
R25
R26
R37 R38
D2
Tr9
Tr10
D5 D6
Tr13
R21
R29
Tr17
R33
Tr18
R34
R22
R18
R30
Tr5
Tr6
R14
R48
R44
1C1/2
R46
R35
R42
R19
R15
R7
R6
R10
R11
Tr11
Tr2
R2
R3
Tr3
Tr4
R4
R12
R8
R39 R40
D3
D4
R27
Tr15
R23
R31
Tr19
Tr7
D7 D8
619
RSB G
Tr20
R36
R20
R24
R32
R16
R28
Tr8
Tr12
Tr14
Tr16
Bipolar Driver IC


Numéro de pièce similaire - SI-7230M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-7230E SANKEN-SI-7230E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
More results

Description similaire - SI-7230M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-7200M SANKEN-SI-7200M Datasheet
52Kb / 5P
   Bipolar Driver IC
logo
Allegro MicroSystems
A4984S ALLEGRO-A4984S Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
List of Unclassifed Man...
TBB042G ETC-TBB042G Datasheet
122Kb / 4P
   Bipolar IC
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
   BIPOLAR IC
logo
Siemens Semiconductor G...
TLE3101 SIEMENS-TLE3101 Datasheet
534Kb / 17P
   BIPOLAR IC
logo
ON Semiconductor
LV8127T ONSEMI-LV8127T Datasheet
505Kb / 23P
   3-phase Bipolar PWM Drive Pre-Driver IC
December 2014 - Rev. 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com