Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-5151S Fiches technique(PDF) 1 Page - Sanken electric

No de pièce SI-5151S
Description  High-side Power Switch with Diagnostic Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-5151S Fiches technique(HTML) 1 Page - Sanken electric

  SI-5151S Datasheet HTML 1Page - Sanken electric SI-5151S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
(Ta=25ºC)
Power supply voltage
Input terminal voltage
DIAG terminal voltage
Collector-emitter voltage
Power Dissipation
Input voltage
Input current
Operating power supply voltage
Quiescent circuit current
Thermal protection starting
temperature
Minimum load inductance
Open load detection resistor
Output transfer time
DIAG output voltage
DIAG output transfer time
(Ta=25ºC unless otherwise specified)
Saturation voltage of output
transistor
Junction temperature
Operating temperature
Storage temperature
VB
VIN
VDIAG
VBopr
VBopr =14V, VIN =0V
IO 1.0A, VBopr =6 to 16V
IO 1.8A, VBopr =6 to 16V
VBopr =6 to 16V
VBopr =6 to 16V
VIN =5V
VIN =0V
VBopr =14V, VO =VBopr –1.5V
VBopr =6 to 16V
VBopr =14V, IO =1A
VBopr =14V, IO =1A
VCC =6V
VCC =6V, IDD =2mA
VBopr =14V, IO =1A
VBopr =14V, IO =1A
V
5
12
6.0
30
mA
0.5
V
1.0
V
VB
V
0.8
V
1mA
145
30
8
30
15
30
6
0.3
30
30
mA
125
ºC
k
µS
µS
V
V
µS
µS
Iq
Output leak current
VCEO =16V
2.0
–0.3
–0.1
2mA
IO, leak
VCE (sat)
VIH
VIL
IIH
IIL
TTSD
Overcurrent protection starting
current
1.9
A
IS
Ropen
TON
TOFF
4.5
1
VDH
VDL
TPLH
TPHL
mH
L
VCE
PD1
PD2
Tj
TOP
Tstg
Output ON
Output OFF
Output ON
Output OFF
V
V
With infinite heatsink (Tc =25ºC)
Stand-alone without heatsink
(Tc =25ºC)
V
V
W
W
ºC
ºC
ºC
40
–0.3 to VB
6
40
Output current
IO
A
1.8
18
1.5
–40 to +125
–40 to +100
–40 to +125
Standard Circuit Diagram
Diagnostic Function
External Dimensions (unit: mm)
Features
q Built-in diagnostic function to detect short and open circuiting of loads and
output status signals
q Low saturation PNP transistor use
q Allows direct driving using LS-TTL and C-MOS logic levels
q Built-in overcurrent and thermal protection circuits
q Built-in protection against reverse connection of power supply
q TO-220 equivalent full-mold package not require insulation mica
SI-5151S
PZ
DIAG
5.1k
GND
1
4
3
5
2
VIN
VIN
VO
HH
LL
VO
VCC
VB
LS-TTL
or
CMOS
VIN
VO
DIAG
Normal
Normal
Open load
Overheat
Shorted load
Truth table
1. GND
2. VIN
3. VO
4. DIAG
5. VB
a: Type No.
b: Lot No.
(Forming No. 1123)
VIN
DIAG
Open load
Normal
Mode
Shorted load
Overheat
L
H
VO
L
H
L
H
L
H
H
H
H
H
L
H
L
L
L
L
L
H
L
L
L
L
q DIAG output will be undetermined when a voltage
exceeding 25V is applied to VB terminal.
Note:
* The rule of protection against reverse connection of power supply is VB = –13V, one minute
(all terminals except, VB and GND, are open).
20
High-side Power Switch with Diagnostic Function SI-5151S
10
2.6
4.2
2.8
3.2
P1.7
• 4 = 6.8
0.94
4
0.85
0.45
+0.2
–0.1
+0.2
–0.1
R-end
±0.6
±0.1
±0.2
±0.2
±0.2
±0.2
±0.15
±0.1
a
b


Numéro de pièce similaire - SI-5151S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
More results

Description similaire - SI-5151S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-5152S SANKEN-SI-5152S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5155S SANKEN-SI-5155S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function
SI-5154S SANKEN-SI-5154S Datasheet
28Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
SI-5153S SANKEN-SI-5153S Datasheet
27Kb / 2P
   High-side Power Switch with Diagnostic Function and Built-in Zener Diode
logo
Rohm
BM2LE080FJ-C ROHM-BM2LE080FJ-C Datasheet
2Mb / 28P
   Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BV1LE040EFJ-C ROHM-BV1LE040EFJ-C Datasheet
2Mb / 28P
   Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LE080EFJ-C ROHM-BV1LE080EFJ-C Datasheet
2Mb / 28P
   Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LD160EFJ-C ROHM-BV1LD160EFJ-C Datasheet
2Mb / 28P
   Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
BV1LD040EFJ-C ROHM-BV1LD040EFJ-C Datasheet
2Mb / 28P
   Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
BM2LE250FJ-C ROHM-BM2LE250FJ-C Datasheet
1Mb / 28P
   Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com