Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3052 Datasheet(Fiches technique) 4 Page - Sanken electric

Numéro de pièce SI-3052
Description  3-Terminal, Low Dropout Voltage Dropper Type
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3052 Datasheet(HTML) 4 Page - Sanken electric

  SI-3052 Datenblatt HTML 1Page - Sanken electric SI-3052 Datenblatt HTML 2Page - Sanken electric SI-3052 Datenblatt HTML 3Page - Sanken electric SI-3052 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
65
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3052V)
Circuit Current(SI-3052V)
Rise Characteristics(SI-3052V)
Rise Characteristics(SI-3122V)
Rise Characteristics(SI-3152V)
Overcurrent Protection Characteristics(SI-3052V)
Overcurrent Protection Characteristics(SI-3122V)
Overcurrent Protection Characteristics(SI-3152V)
–60 –40 –20
0
20
40
60
80 100 120 140
5.06
5.04
5.02
5.00
4.98
4.96
4.94
Ambient Temperature Ta (
°C)
VIN=8V
lO=1V
0
510
15
17.5
70
60
50
40
30
20
10
0
Input Voltage VIN (V)
VO=5V
lo=2.0A
1.5A
0A
0.5A
1.0A
01
2
3
4
5
7
6
6
5
4
3
2
1
0
Input Voltage VIN (V)
0
246
8
10
16
12
14
16
14
12
10
8
6
4
2
0
Input Voltage VIN (V)
R
L=6
to
024
6
8
10
18
16
12
14
18
16
14
12
10
8
6
4
2
0
Input Voltage VIN (V)
R
L=7.5
to
0
1
23
45
6
7
6
5
4
3
2
1
0
Output Current lo (A)
10V
8V
15V
01
2
3
4
5
6
7
16
14
12
10
8
6
4
2
0
Output Current lo (A)
012
3
4
5
6
7
18
16
14
12
10
8
6
4
2
0
Output Current lO (A)
(Ta=25
°C)
qSI-3000V Series
0
0.5
1.0
1.5
2.0
0.8
0.6
0.4
0.2
0
Output Current lO (A)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn