Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3000R Fiches technique(PDF) 5 Page - Sanken electric

No de pièce SI-3000R
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000R Fiches technique(HTML) 5 Page - Sanken electric

  SI-3000R Datasheet HTML 1Page - Sanken electric SI-3000R Datasheet HTML 2Page - Sanken electric SI-3000R Datasheet HTML 3Page - Sanken electric SI-3000R Datasheet HTML 4Page - Sanken electric SI-3000R Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
56
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage
Rise Characteristics
Circuit Current
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Reset Output vs. VO Characteristics
Reset Output vs. DLY Terminal Voltage Characteristics
Reset Signal Delay Time tDLY(sec)
–40 –20
0
20
40
60
80
100 120 140
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
Ambient Temperature Ta (
°C)
VIN=8V
lO=10mA
0
0.5
1
1.5
2
2.5
3
6
5
4
3
2
1
0
Output Current lO (A)
60
80
100
120
140
160
180
6
5
4
3
2
1
0
Case Temperature TC (
°C)
VIN=8V
lO=10mA
1.0
1.5
2.0
2.5
3.0
3.5
4.0
6
5
4
3
2
1
0
DLY Terminal Voltage VDLY (V)
VIN=8V lO=0A
RL=510
1p
10p
100p 1000p 0.01
µ 0.1µ
1
µ
10
µ
10
1
100m
10m
1m
100
µ
10
µ
Delay Capacitor Capacitance CDLY (F)
VIN=8V
lO=0A
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Output Voltage VO (V)
6
5
4
3
2
1
0
VIN=8V lO=0A
RL=510
(Ta=25
°C)
qSI-3000R Series
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
0
0.5
1.0
1.5
0.8
0.6
0.4
0.2
0
Output Current lo (A)
0
1
234
56
7
8
6
5
4
3
2
1
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
1.5A
0
5
10
15
20
25
30
25
20
15
10
5
0
Input Voltage VIN (V)
lO=1.5A
1A
0.5A
0A


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn