Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAI01-1 Fiches technique(PDF) 3 Page - Sanken electric

No de pièce SAI01-1
Description  Surface-mount and Separate Excitation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAI01-1 Fiches technique(HTML) 3 Page - Sanken electric

  SAI01-1 Datasheet HTML 1Page - Sanken electric SAI01-1 Datasheet HTML 2Page - Sanken electric SAI01-1 Datasheet HTML 3Page - Sanken electric SAI01-1 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7
s Example of Printed-circuit board
The efficiency depends on the input voltage and the
output current. Thus, obtain the value from the
efficiency graph on page 8 and substitute the per-
centage in the formula above.
VO : Output voltage
IO : Output current
ηχ : Efficiency (%)
VF : Diode forward voltage
SFPB54-0.3V
Thermal design for D1 must be performed sepa-
rately.
s Selecting external components
1. Inductor L1
q It must be suited for switching regulators.
Do not use inductors for noise filters as they generate excessive heat.
w It must have the appropriate inductance value.
If the inductance is too small (150
µH or lower), abnormal oscillation may occur causing operation problems in
the overcurrent protection circuit within the rated current range.
e The rated current must be satisfied.
If the rated current is exceeded, magnetic saturation leads to overcurrent.
2. Capacitors C1 and C2
q They must satisfy the breakdown voltage and allowable ripple current.
Use of these capacitors over their derating values shortens their service lives and may also cause abnormal
oscillation of the IC.
w C2 must be a low-impedance type capacitor.
A low-impedance type capacitor is recommended for C2 to ensure minimum ripple voltage and stable switching
operation.
3. Diode D1
The Sanken SFPB54 diode is recommended for D1. If you intend to use an equivalent diode, be sure to make use
of a Schottky barrier diode and make sure that the reverse voltage applied to terminal 2 of the IC does not exceed
the value (–1V) given in the absolute maximum ratings. If you use a fast recovery diode or any other diode, application
of a reverse voltage generated from the recovery or ON voltage of the diode may damage the IC.
a) For optimum operation,
there must be only one
GND line originating from
terminal 4 and each com-
ponent must be con-
nected with the shortest
possible wiring.
b) To prevent heating of the
IC, it is best to make the
GND pattern larger since
the internal frame and ter-
minal 4 (GND) are con-
nected to each other.
s Standard External Circuit
s Ta-PD Characteristics
+
VIN
DI1
C1
L1
C
2
GND
SW
Vo
1
2
3
4
SAI
VIN
C1
D1
L1
3.3V 5V : 200
µH
12V 13V 15V : 300
µH
100
µF
C2
330
µF
VIN
DC Input
VOUT
DC Output
SFPB54
(Sanken)
GND
GND
GND
SAI
SW
VOS
12
3
4
+
+
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-30
0
25
50
75
100
125
• Glass epoxy substrate
(95
× 69 × 1.2)
• Natural cooling
Ambient temperature Ta (
°C)
–VF • IO
VO
1–
VIN
PD = VO • IO
100
–1
ηχ


Numéro de pièce similaire - SAI01-1

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
More results

Description similaire - SAI01-1

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8000TM SANKEN-SI-8000TM_12 Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com