Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A8180SLU Fiches technique(PDF) 2 Page - Sanken electric

No de pièce A8180SLU
Description  Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

A8180SLU Fiches technique(HTML) 2 Page - Sanken electric

  A8180SLU Datasheet HTML 1Page - Sanken electric A8180SLU Datasheet HTML 2Page - Sanken electric A8180SLU Datasheet HTML 3Page - Sanken electric A8180SLU Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9
Parameter
Input Voltage
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Output Voltage
Circuit Current
Quiescent Circuit
Current
Control Voltage
(Output ON)
VC
Control Voltage
Terminal* (Output OFF)
Input Current
Symbol
VIN
VO
Conditions
VDIF
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
Iq
Conditions
Iq(off)
Conditions
VO(off)
Conditions
VC. OL
Conditions
IC
Conditions
sOutline Drawing
q GND
w GND
e VC
r VIN
t VO
q VIN
w GND
e VO
A8183SLU/A8186SLU
A8184SLT/A8187SLT
4.5±0.1
1.6±0.2
1.0
φ
1.5±0.1
8±1°
1.5±0.1 1.5±0.1
8±1°
0.49max.
0.44max.
0.44max.
0~0.2
0.49max.
0.49max.
0.54max.
1
2
3
5
4
4.40
4.60
1.62
1.83
3.94
4.25
0.89
1.20
2.29
2.60
(1.50)
123
(3.00)
2.13
2.29
1.40
1.60
0.35
0.44
0.44
0.56
0.36
0.48
(min. /max.)
qA8180SLU/SLT Series
sElectrical Characteristics
*Output is OFF when output ON/OFF terminal (VC terminal) is open.
(unit: mm)
(Ta=25
°C unless otherwise specified)
Ratings
A8183SLU
A8184SLT
A8186SLU
A8187SLT
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
8888
2.9
3.0
3.1
2.9
3.0
3.1
3.2
3.3
3.4
3.2
3.3
3.4
VIN=4 to 8V, IO=0 to 0.1A
VIN=4.5 to 8V, IO=0 to 0.1A
0.15
0.15
0.15
0.15
IO=60mA
7
207
20
7
207
20
VIN=4.5 to 6V, IO=0A
30
90
30
90
30
90
30
90
VIN=6V, IO=0 to 0.1A
–1.0
1.0
–1.0
1.0
–1.0
1.0
–1.0
1.0
Tj=–30 to +85
°C
45
60
45
60
45
60
45
60
VIN=6V, IO=0 to 0.1A
55
VIN=4.5 to 8V, VC=0.4V
VIN=4.5 to 8V, VC=0.4V
2.0
2.0
VIN=6V
VIN=6V
0.8
0.8
VIN=6V
VIN=6V
–1.0
1.0
–1.0
1.0
VIN=6V
VIN=6V
Unit
V
V
V
mV
mV
mV/
°C
µA
µA
V
V
µA


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn