Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A8180SLU Fiches technique(PDF) 1 Page - Sanken electric

No de pièce A8180SLU
Description  Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

A8180SLU Fiches technique(HTML) 1 Page - Sanken electric

  A8180SLU Datasheet HTML 1Page - Sanken electric A8180SLU Datasheet HTML 2Page - Sanken electric A8180SLU Datasheet HTML 3Page - Sanken electric A8180SLU Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8
Unit
V
A
W
°C
°C
°C
Ratings
10
0.15
0.5(TC=25
°C)
150
–30 to +85
–40 to +150
Symbol
VIN
IO
PD
Tj
Top
Tstg
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
sFeatures
• Compact surface-mount package (equivalent to SOT-89)
• Output current: 0.15A
• Low circuit current
Iq
≤60µA (Output ON: VIN=6V, IO=0 to 0.1A)
Iq(off)
≤5µA(Output OFF: A8183SLU,A8186SLU)
• Low dropout voltage: VDIF
≤150mV (IO=60mA)
• Output ON/OFF control terminal is compatible with LS-TTL.
(A8183SLU, A8186SLU)
• Built-in thermal protection circuit
sApplications
• Portable phones and PHS telephones
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
(Ta=25
°C)
A8180SLU/SLT Series
qA8180SLU/SLT Series
A8184SLT, A8187SLT are product of Allegro Microsystems, INC.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn