Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74320-6600 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 74320-6600
Description  MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount, Through Hole, Vertical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-6600 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  74320-6600 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-6600 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-6600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-005, PK-74320-010
Product Specification
PS-74320-001
Sales Drawing
SD-74320-010
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 74320-6600

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74320-6001 MOLEX8-74320-6001 Datasheet
144Kb / 3P
   MicroCross??DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold (Au) Flash, 2.79mm (.110") P.C. Tail Length, 20 Circuits, Lead Free
74320-6500 MOLEX8-74320-6500 Datasheet
134Kb / 3P
   MicroCross??DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold (Au) Flash, 2.79mm (.110") P.C. Tail Length, 24 Circuits, Lead Free
More results

Description similaire - 74320-6600

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0743203000 MOLEX8-0743203000 Datasheet
258Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743203008 MOLEX8-0743203008 Datasheet
217Kb / 4P
   MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical, 0.76um
0887419400 MOLEX10-0887419400 Datasheet
101Kb / 2P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
0887419100 MOLEX10-0887419100 Datasheet
145Kb / 4P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to VGA Plug
0743201007 MOLEX8-0743201007 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 3.12mm (.123
0887418700 MOLEX10-0887418700 Datasheet
142Kb / 4P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-Analog Plug to VGA Receptacle
0743209034 MOLEX8-0743209034 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount,Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") P.C. Tail Length, with Beveled Metal Pins
0743209043 MOLEX8-0743209043 Datasheet
207Kb / 4P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com