Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1185 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SK1185
Description  MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK1185 Fiches technique(HTML) 1 Page - Sanken electric

  2SK1185 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
100
V(BR) DSS
100
V
ID = 250
µA, VGS = 0V
V
VGSS
±20
IGSS
±500
nA
VGS =
±20V
V
ID
±5IDSS
250
µAVDS = 100V, VGS = 0V
A
ID (pulse)
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
4.0
V
VDS = 10V, ID = 250
µA
A
PD
25 (Tc = 25ºC)
Re (yfs)
1.5
1.7
S
VDS = 10V, ID = 2.5A
W
EAS
16
RDS (on)
0.41
0.54
VGS = 10V, ID = 2.5A
mJ
Tch
150
*
: VDD = 25V, L = 1mH, IL = 5.0A, unclamped,
See Figure 1 on Page 5.
Ciss
180
pF
VDS = 25V, f = 1.0MHz,
VGS = 0V
ID = 2.5A, VDD = 50V,
VGS = 10V,
See Figure 2 on Page 5.
ºC
Tstg
–55 to +150
Coss
82
pF
ºC
ton
40
ns
toff
40
ns
Symbol
Unit
Conditions
Ratings
typ
max
min
15
*
02
V
4.5V
GS =
5.5V
5V
V
10V
GS =
0
0
0.5
3.5
5.0
0.8
1.0
–50
0
0
50
100
150
0.2
0.4
0.6
0.8
1.0
1.2
510
20
V
10V
DS =
25ºC
125ºC
0.05
0.3
0.1
0.5
1
10
0.5
1
10
V
10V
DS =
25ºC
125ºC
0
5
10
20
30
40
50
50
100
500
1000
V
0V
GS
=
f
1MHz
=
Ciss
Coss
Crss
0.5
1
5
10
50 100
0.1
0.5
1
5
10
50
ID (pulse) max
D
I max
1ms
100
µ
s
DC
OPERATION
10ms
(1shot)
R
DS
(ON)
0
0
0.2
0.4
0.6
1.0
1.4
1
2
5
V
0V
GS =
10V
024
6
8
10
0
2
4
6
I
5A
D =
I
2.5A
D =
V
10V
GS =
I
2.5A
D =
T
55ºC
C = –
T
55ºC
C = –
LIMITED
0
10
20
25
0
50
100
150
Without heatsink
5
2
1
0
3
4
6.5V
6V
10V
10
46
8
5
2
1
0
3
4
0.6
0.4
0.2
1.0
1.5
2.0
2.5
3.0
4.0
4.5
5
5
10
4
3
0.8
1.2
5V
2SK1185
External dimensions 1 ...... FM20
±20 (Tch 150ºC)
(Tc = 25ºC)
Ta (ºC)
VDS — ID Characteristics
ID — Re (yfs) Characteristics
VDS — Capacitance Characteristics
VSD — IDR Characteristics
Ta — PD Characteristics
Safe Operating Area
VGS — VDS Characteristics
TC — RDS (ON) Characteristics
VGS — ID Characteristics
ID — RDS (ON) Characteristics
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)


Numéro de pièce similaire - 2SK1185

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK1185 ISC-2SK1185 Datasheet
269Kb / 2P
   Isc N-Channel MOSFETransistor
More results

Description similaire - 2SK1185

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com