Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74062-1002 Datasheet(Fiches technique) 2 Page - Molex Electronics Ltd.

Numéro de pièce 74062-1002
Description  2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74062-1002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74062-1002 Datenblatt HTML 1Page - Molex Electronics Ltd. 74062-1002 Datasheet HTML 2Page - Molex Electronics Ltd. 74062-1002 Datenblatt HTML 3Page - Molex Electronics Ltd. 74062-1002 Datenblatt HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.125 Gbps
Real Signals (per 25mm)
100
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74062-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM® 8 Row
Shield Extraction
Tool
0622016100
VHDM® Insertion
Module for Advanced
Mate Signal Header,
8 Row by 10 Wide,
20.00mm (.787")
0622020205
VHDM® Insertion
Module for Standard
Shield Signal
Header, 8 Row by
10 Wide, 20.00mm
(.787")
0622020209
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn