Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD2557 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SD2557
Description  Silicon NPN Triple Diffused Planar Transistor(Series Regulator and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2557 Fiches technique(HTML) 1 Page - Sanken electric

  2SD2557 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
156
Silicon NPN Triple Diffused Planar Transistor
Application : Series Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SD2557
200
200
6
5
2
70(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SD2557
100max
5max
200min
1500 to 6500
1.5max
15typ
110typ
Unit
µA
mA
V
V
MHz
pF
Conditions
VCB=200V
VEB=6V
IC=10mA
VCE=5V, IC=1A
IC=1A, IB=5mA
VCE=10V, IE=–0.5A
VCB=10V, f=1MHz
Darlington
2SD2557
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
5
4
2
1
3
0
2.5
2
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
10ms
50ms
10
50
5
100
300
0.05
0.1
1
0.5
10
30
5
Collector-Emitter Voltage V CE(V)
100ms
(V CE=5V)
0.02
0.1
5
1
0.5
Collector Current I C(A)
1000
500
5
10
100
50
5000
8000
Pc – T a Derating
70
60
50
40
30
20
10
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
125˚C
25˚C
–30˚C
Without Heatsink
Natural Cooling
0.3
0.5
5.0
1.0
11 0
5
100
50
2000
1000
500
Time t(ms)
0
0
1
2
4
3
5
26
4
Collector-Emitter Voltage V CE(V)
250mA
50mA
10mA
2.5mA
1.2mA
0.6mA
0.3mA
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Type No.
b. Lot No.
B
C
E
(3.2k
Ω)(450Ω)
Equivalent circuit


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn