Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2045 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SD2045
Description  Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2045 Fiches technique(HTML) 1 Page - Sanken electric

  2SD2045 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
144
.
Darlington
2SD2045
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
θj-a–t Characteristics
V CE(sat) – I B Characteristics (Typical)
Safe Operating Area (Single Pulse)
0
0
4
2
6
3
1
5
2
1
345
6
Collector-Emitter Voltage V CE(V)
1mA
0.7mA
0.5mA
I B=0.4mA
0.03
0.1
1
0.5
6
5
5000
10000
1000
500
100
50
Collector Current I C(A)
(V CE=2V)
Typ
0
3
2
1
0.1
10
5
1
0.5
50
100
Base Current I B(mA)
2A
4A
I C=8A
0.2
1
5
0.5
1
1 0
100
1000
10
50
5
3
100
200
0.05
0.1
1
0.5
10
20
5
Collector-Emitter Voltage V CE(V)
DC
Without Heatsink
Natural Cooling
I C– V BE Temperature Characteristics (Typical)
0
3
4
5
6
2
1
02
1
Base-Emittor Voltage V BE(V)
(V CE=2V)
0.03
0.1
1
0.5
5 6
5000
10000
1000
500
100
50
Collector Current I C(A)
Time t(ms)
(V CE=2V)
125˚C
25˚C
h FE– I C Temperature Characteristics (Typical)
–30˚C
f T– I E Characteristics (Typical)
–0.05
–0.1
–0.5
–1
–5 –6
0
80
100
60
40
20
120
(V CE=12V)
Emitter Current I E(A)
Typ
Pc – T a Derating
50
40
30
20
10
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
Silicon NPN Triple Diffused Planar Transistor
Application : Driver for Solenoid, Motor and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
120
120
6
6(Pulse10)
1
50(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
120min
2000min
1.5max
2.0max
50typ
70typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=120V
VEB=6V
IC=10mA
VCE=2V, IC=3A
IC=3A, IB=3mA
IC=3A, IB=3mA
VCE=12V, IE=–1A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
30
RL
(
Ω)
10
IC
(A)
3
VBB2
(V)
–5
IB2
(mA)
–3
ton
(
µs)
0.5typ
tstg
(
µs)
5.5typ
tf
(
µs)
1.5typ
IB1
(mA)
3
VBB1
(V)
10
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(2.5k
Ω)(200Ω)
Equivalent
circuit


Numéro de pièce similaire - 2SD2045

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD2045 ISC-2SD2045 Datasheet
252Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Sanken electric
2SD2045 SANKEN-2SD2045 Datasheet
35Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
SeCoS Halbleitertechnol...
2SD2045 SECOS-2SD2045 Datasheet
803Kb / 4P
   Plastic-Encapsulate Transistors
logo
Sanken electric
2SD2045 SANKEN-2SD2045_01 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
SeCoS Halbleitertechnol...
2SD2045 SECOS-2SD2045_15 Datasheet
816Kb / 4P
   Plastic-Encapsulate Transistors
More results

Description similaire - 2SD2045

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SD2082 SANKEN-2SD2082 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
2SD2083 SANKEN-2SD2083 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
2SD2081 SANKEN-2SD2081 Datasheet
22Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
2SD1796 SANKEN-2SD1796 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD2017 SANKEN-2SD2017 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD2141 SANKEN-2SD2141 Datasheet
23Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Ignitor, Driver for Solenoid and Motor, and General Purpose)
2SD2015 SANKEN-2SD2015 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD1769 SANKEN-2SD1769 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose)
2SD1785 SANKEN-2SD1785 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose)
2SD2014 SANKEN-2SD2014 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor, Series Regulator, and General Purpose)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com