Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74058-1052 Datasheet(Fiches technique) 1 Page - Molex Electronics Ltd.

Numéro de pièce 74058-1052
Description  2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 60 Circuits, Pin Length 6.25mm (.246")
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74058-1052 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74058-1052 Datasheet HTML 1Page - Molex Electronics Ltd. 74058-1052 Datenblatt HTML 2Page - Molex Electronics Ltd. 74058-1052 Datenblatt HTML 3Page - Molex Electronics Ltd. 74058-1052 Datenblatt HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740581052
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row, Pin
End Version, 60 Circuits, Pin Length 6.25mm (.246")
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Backplane Connectors
Series
74058
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Keying Postion E
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
60
Circuits (maximum)
60
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Beryllium Copper, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.071 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74058Series
Mates With
74030 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Flat Rock Tooling for
Pneumatic Press
0622013700
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 11 Wide,
20.00mm (.787")
0622011101
VHDM® Signal Pin
Inserter Repair Tool
0622015700


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn