Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC3179 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SC3179
Description  Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3179 Fiches technique(HTML) 1 Page - Sanken electric

  2SC3179 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1262)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
2SC3179
80
60
6
4
1
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC3179
100max
100max
60min
40min
0.6max
15typ
60typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=80V
VEB=6V
IC=25mA
VCE=4V, IC=1V
IC=2A, IB=0.2A
VCE=12V, IE=–0.2A
VCB=10V, f=1MHz
2SC3179
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
1
2
3
4
2
13
4
Collector-Emitter Voltage V CE(V)
IB
=100mA
40mA
60mA
80mA
30mA
10mA
20mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
1.0
0.5
0.005 0.01
0.1
0.05
1
0.5
Base Current I B(A)
I C=1A
2A
3A
0
4
2
1
3
0.4
1.2
0.8
0.6
1.0
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.01
0.1
0.5
1
4
20
50
100
500
Collector Current I C(A)
(V CE=4V)
Typ
(V CE=4V)
0.02
0.1
0.5
4
1
Collector Current I C(A)
20
50
100
200
125˚C
25˚C
–30˚C
0.5
1
5
1
1 0
100
1000
Time t(ms)
10
50
3
100
0.2
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
–0.005 –0.01
–0.1
–0.5
–1
–4
20
10
0
30
40
(V CE=12V)
Emitter Current I E(A)
Typ
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
BE
2.5
2.5
C
1.35
0.65
+0.2
-0.1
10.2±0.2
ø3.75±0.2
4.8±0.2
1.4
2.0±0.1
a
b
External Dimensions MT-25(TO220)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
10
IC
(A)
2
VBB2
(V)
–5
IB2
(mA)
–200
ton
(
µs)
0.2typ
tstg
(
µs)
1.9typ
tf
(
µs)
0.29typ
IB1
(mA)
200
VBB1
(V)
10
Weight : Approx 2.6g
a. Type No.
b. Lot No.
sAbsolute maximum ratings


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn