Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74026-8122 Datasheet(Fiches technique) 2 Page - Molex Electronics Ltd.

Numéro de pièce 74026-8122
Description  2.00mm (.079") Pitch VHDM® Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74026-8122 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74026-8122 Datenblatt HTML 1Page - Molex Electronics Ltd. 74026-8122 Datasheet HTML 2Page - Molex Electronics Ltd. 74026-8122 Datenblatt HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Rate
2.5 Gbps
Real Signals (per 25mm)
100
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-201
Sales Drawing
SD-74026-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn