Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74441-0010 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 74441-0010
Description  0.80mm (.031") Pitch SFP, SFP Plus (SFP) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.76關m (30關") Gold (Au)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX8 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74441-0010 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  74441-0010 Datasheet HTML 1Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 2Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 3Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 4Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 5Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 6Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 7Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 8Page - Molex Electronics Ltd. 74441-0010 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0744410010
Status:
Active
Overview:
sfp__sfp_host_connectors
Description:
0.80mm (.031") Pitch SFP, SFP Plus (SFP+) Host Connector, Z-Axis Pluggable, Right
Angle, SMT, 20 Circuits, 0.76µm (30µ") Gold (Au)
Documents:
3D Model
Product Specification PS-74441-001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74441
Application
Module-to-Board
Component Type
Receptacle
Overview
sfp__sfp_host_connectors
Product Name
Z-Axis Pluggable
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
20
Circuits (maximum)
20
Circuits Detail
20
Color - Resin
Black
Durability (mating cycles max)
200
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
No
Ports
1
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74441Series
Mates With
SFP Modules
Use With
EMI Shield, 73927 SFP Cage, 86025 LC
Duplex Cable Assembly, Guide Frame,
73939 HSSDC2 Cable Assembly


Numéro de pièce similaire - 74441-0010

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74441-0013 MOLEX-74441-0013 Datasheet
288Kb / 2P
   70-Pin Z-Axis Pluggable Host Connector for 10-Gigabit Transceivers
74441-0017 MOLEX-74441-0017 Datasheet
333Kb / 2P
   0.80mm (.031") Pitch Z-Axis Pluggable Host Connector for 10 Gigabit XFP Modules
74441-0017 MOLEX8-74441-0017 Datasheet
482Kb / 9P
   0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.76關m (30關") Gold (Au
74441-0017 MOLEX1-74441-0017 Datasheet
54Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, SAN Heat Sink,
74441-0017 MOLEX1-74441-0017 Datasheet
55Kb / 1P
   XFP Cage Assembly, 10 Gigabit Small Form Factor Pluggable Compatible, PCI Heat Sink,
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com