Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5F425NX03 Fiches technique(PDF) 1 Page - Samsung semiconductor

No de pièce S5F425NX03
Description  1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F425NX03 Fiches technique(HTML) 1 Page - Samsung semiconductor

  S5F425NX03 Datasheet HTML 1Page - Samsung semiconductor S5F425NX03 Datasheet HTML 2Page - Samsung semiconductor S5F425NX03 Datasheet HTML 3Page - Samsung semiconductor S5F425NX03 Datasheet HTML 4Page - Samsung semiconductor S5F425NX03 Datasheet HTML 5Page - Samsung semiconductor S5F425NX03 Datasheet HTML 6Page - Samsung semiconductor S5F425NX03 Datasheet HTML 7Page - Samsung semiconductor S5F425NX03 Datasheet HTML 8Page - Samsung semiconductor S5F425NX03 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F425NX03
1
INTRODUCTION
The S5F425NX03 is an interline transfer CCD area image
sensor developed for NTSC 1/4 inch optical format video
cameras, surveillance cameras, object detectors and image
pattern recognizers. High sensitivity is achieved through the
adoption of Ye, Cy, Mg and G complementary color mosaic
filters, on-chip micro lenses and HAD (Hole Accumulated
Diode) photosensors. This chip features a field integration
read out system and an electronic shutter with variable charge
storage time.
FEATURES
High Sensitivity
Optical Size 1/4 inch Format
No adjust Substrate Bias
Ye, Cy, Mg, G On-chip Complementary Color Mosaic
Filter
Low Dark Current
Horizontal Register 3.3 to 5.0V Drive
14pin Ceramic DIP Package
Field Integration Read Out System
No DC Bias on Reset Gate
STRUCTURE
Number of Total Pixels:
537(H)
× 505(V)
Number of Effective Pixels:
510(H)
× 492(V)
Chip Size:
4.83mm(H)
× 4.04mm(V)
Unit Pixel Size:
7.15
µm(H) × 5.55 µm(V)
Optical Blacks & Dummies:
Refer to Figure Below
Vertical 1 Line (Even Field Only)
14Pin Cer - DIP
ORDERING INFORMATION
Device
Package
Operating
S5F425NX03-LDB0
14Pin Cer - DIP
-10
°C
+60 °C
16 2
510
25
OUTPUT
Dummy Pixels
Optical Black Pixels
Effective Pixels
Effective
Imaging
Area
H-CCD


Numéro de pièce similaire - S5F425NX03

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02-LAB0 SAMSUNG-S5F429PX02-LAB0 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03-LDB0 SAMSUNG-S5F429PX03-LDB0 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results

Description similaire - S5F425NX03

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com