Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C8075 Fiches technique(PDF) 2 Page - Samsung semiconductor

No de pièce S3C8075
Description  SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C8075 Fiches technique(HTML) 2 Page - Samsung semiconductor

  S3C8075 Datasheet HTML 1Page - Samsung semiconductor S3C8075 Datasheet HTML 2Page - Samsung semiconductor S3C8075 Datasheet HTML 3Page - Samsung semiconductor S3C8075 Datasheet HTML 4Page - Samsung semiconductor S3C8075 Datasheet HTML 5Page - Samsung semiconductor S3C8075 Datasheet HTML 6Page - Samsung semiconductor S3C8075 Datasheet HTML 7Page - Samsung semiconductor S3C8075 Datasheet HTML 8Page - Samsung semiconductor S3C8075 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 208 page
background image
PRODUCT OVERVIEW
S3C8075/P8075
1-2
FEATURES
CPU
SAM87 CPU core
Memory
272-byte general purpose register area
16-Kbyte internal program memory
ROM-less operating mode
External Interface
64-Kbyte external data memory area
64-Kbyte external program memory area (ROM-
less mode)
Instruction Set
78instructions
IDLE and STOP instructions for power-down
mode
Instruction Execution Time
500 ns at 12 MHz f
CPU (Min.)
Interrupts
17 interrupt sources
17 interrupt vectors
Eight interrupt levels
Fast interrupt processing
General I/O
Four nibble-programmable ports
One bit-programmable port
Two bit-programmable ports for external
interrupts
Timers
Two 8-bit timers with interval timer and PWM
modes
Timer/Counters
Two 16-bit general-purpose timer/counters
Basic Timer
One 8-bit basic timer (BT) for oscillation
stabilization control and watch dog timer function.
Serial Port
One synchronous operating mode and three full-
duplex asynchronous UART modes
Operating Temperature Range
– 40°C to + 85°C
Operating Voltage Range
2.7 V to 5.5 V
Package Types
64-pin SDIP, 64-pin QFP


Numéro de pièce similaire - S3C8075

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A5 SAMSUNG-S3C80A5 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A8 SAMSUNG-S3C80A8 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80B4 SAMSUNG-S3C80B4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results

Description similaire - S3C8075

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Samsung semiconductor
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com