Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3C4510B Fiches technique(PDF) 41 Page - Samsung semiconductor

No de pièce S3C4510B
Description  Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
Download  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C4510B Fiches technique(HTML) 41 Page - Samsung semiconductor

Back Button S3C4510B Datasheet HTML 37Page - Samsung semiconductor S3C4510B Datasheet HTML 38Page - Samsung semiconductor S3C4510B Datasheet HTML 39Page - Samsung semiconductor S3C4510B Datasheet HTML 40Page - Samsung semiconductor S3C4510B Datasheet HTML 41Page - Samsung semiconductor S3C4510B Datasheet HTML 42Page - Samsung semiconductor S3C4510B Datasheet HTML 43Page - Samsung semiconductor S3C4510B Datasheet HTML 44Page - Samsung semiconductor S3C4510B Datasheet HTML 45Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 422 page
background image
S3C4510B
PROGRAMMER
′′S MODEL
2-15
Exception Priorities
When multiple exceptions arise at the same time, a fixed priority system determines the order in which they are
handled:
Highest priority:
1.
Reset
2.
Data abort
3.
FIQ
4.
IRQ
5.
Prefetch abort
Lowest priority:
6.
Undefined Instruction, Software interrupt.
Not All Exceptions Can Occur at Once:
Undefined Instruction and Software Interrupt are mutually exclusive, since they each correspond to particular
(non-overlapping) decoding of the current instruction.
If a data abort occurs at the same time as a FIQ, and FIQs are enabled (ie the CPSR's F flag is clear),
ARM7TDMI enters the data abort handler and then immediately proceeds to the FIQ vector. A normal return from
FIQ will cause the data abort handler to resume execution. Placing data abort at a higher priority than FIQ is
necessary to ensure that the transfer error does not escape detection. The time for this exception entry should be
added to worst-case FIQ latency calculations.


Numéro de pièce similaire - S3C4510B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
More results

Description similaire - S3C4510B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3C2510A SAMSUNG-S3C2510A Datasheet
412Kb / 46P
   16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Maxim Integrated Produc...
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com