Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54928-0370 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 54928-0370
Description  7.50mm (.295") Pitch MTC??Spring Type Receptacle, 3 Circuits Version, White Color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX7 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54928-0370 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  54928-0370 Datasheet HTML 1Page - Molex Electronics Ltd. 54928-0370 Datasheet HTML 2Page - Molex Electronics Ltd. 54928-0370 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0549280370
Status:
Active
Description:
7.50mm (.295") Pitch MTC™ Spring Type Receptacle, 3 Circuits Version, White Color
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51241-005 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Terminal Blocks
Series
54928
Application
Wire-to-Board
Component Type
Plug
Product Name
MTC™
Type
Euro Block
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
White
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.295 In
Pitch - Mating Interface (mm)
7.50 mm
Pitch - Term. Interface (in)
0.295 In
Pitch - Term. Interface (mm)
7.50 mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-30°C to +85°C
Wire Size AWG
14, 16, 18, 20, 22, 24, 26
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
400V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51241-005
Sales Drawing
SD-54928-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54928Series
Mates With
55759
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 54928-0370

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
54928-0370 MOLEX11-54928-0370 Datasheet
44Kb / 1P
   7.50mm Pitch MTC Spring Type Receptacle, 3 Circuits Version, White Color
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com