Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-47271-006 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-47271-006
Description  DisplayPort Latch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX6 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47271-006 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-47271-006 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47271-006 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47271-006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0472712016
Status:
Active
Overview:
displayport
Description:
DisplayPort* Latch
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
47271
Comments
After Cleaning
Component Type
Latch
MolexKits
Yes
Overview
displayport
Product Name
DisplayPort*
Physical
Circuits (Loaded)
N/A
Gender
N/A
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Packaging Type
Reel
Polarized to Mating Part
N/A
Temperature Range - Operating
-20°C to +85°C
Electrical
Current - Maximum per Contact
0.5A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-47271-006
DisplayPort* is a Trademark of VESA
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47271Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-47271-006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-47271-001 MOLEX6-SD-47271-001 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort Plug Sub-assembly, without Latch
SD-47271-004 MOLEX6-SD-47271-004 Datasheet
145Kb / 3P
   Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
SD-47271-008 MOLEX6-SD-47271-008 Datasheet
114Kb / 3P
   Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
More results

Description similaire - SD-47271-006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0472711016 MOLEX6-0472711016 Datasheet
107Kb / 3P
   DisplayPort Latch
0687830080 MOLEX10-0687830080_V01 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 3.0m Length, Black
0687830079 MOLEX1-0687830079 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
0687830080 MOLEX1-0687830080 Datasheet
40Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 3.0m Length, Black
0687830078 MOLEX1-0687830078 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 1.0m Length, Black
0687830078 MOLEX10-0687830078_V01 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 1.0m Length, Black
0687830079 MOLEX10-0687830079_V01 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 2.0m Length, Black
0472711011 MOLEX6-0472711011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort Plug Sub-assembly, without Latch
0472710011 MOLEX6-0472710011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort* Plug Sub-assembly, with Latch
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
   Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com