Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KS57C21116 Fiches technique(PDF) 1 Page - Samsung semiconductor

No de pièce KS57C21116
Description  The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C21116 Fiches technique(HTML) 1 Page - Samsung semiconductor

  KS57C21116 Datasheet HTML 1Page - Samsung semiconductor KS57C21116 Datasheet HTML 2Page - Samsung semiconductor KS57C21116 Datasheet HTML 3Page - Samsung semiconductor KS57C21116 Datasheet HTML 4Page - Samsung semiconductor KS57C21116 Datasheet HTML 5Page - Samsung semiconductor KS57C21116 Datasheet HTML 6Page - Samsung semiconductor KS57C21116 Datasheet HTML 7Page - Samsung semiconductor KS57C21116 Datasheet HTML 8Page - Samsung semiconductor KS57C21116 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
KS57C21116/C21124/C21132/P21132 MICROCONTROLLER
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
OVERVIEW
The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance
using Samsung's newest 4-bit CPU core, SAM47 (Samsung Arrangeable Microcontrollers).
With an up-to-1280-dot LCD direct drive capability, segment expandable circuit, 8-bit and 16-bit timer/counter,
and serial I/O, the KS57C21116/C21124/C21132 offers an excellent design solution for a wide variety of
applications which require LCD functions.
Up to 51 pins of the 128-pin QFP package can be dedicated to I/O. Nine vectored interrupts provide fast
response to internal and external events. In addition, the KS57C21116/C21124/C21132's advanced CMOS
technology provides for low power consumption and a wide operating voltage range.
OTP
The KS57C21116/C21124/C21132 microcontroller is also available in OTP (One Time Programmable) version,
KS57P21132. KS57P21132 microcontroller has an on-chip 32-Kbyte one-time-programmable EPROM instead of
masked ROM. The KS57P21132 is comparable to KS57C21116/C21124/C21132, both in function and in pin
configuration except ROM size.


Numéro de pièce similaire - KS57C21116

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21418 SAMSUNG-KS57C21418 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21632 SAMSUNG-KS57C21632 Datasheet
181Kb / 27P
   KS57C21632 offers an excellent design solution for a high-end LCD game.
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
More results

Description similaire - KS57C21116

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com