Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KS57C0404 Datasheet(Fiches technique) 2 Page - Samsung semiconductor

Numéro de pièce KS57C0404
Description  The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
Télécharger  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C0404 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PRODUCT OVERVIEW
KS57C0404/C0408/P0408 MICROCONTROLLER
1–2
FEATURES SUMMARY
Memory
512
× 4-bit RAM
4096
× 8-bit ROM: KS57C0404
8192
× 8-bit ROM: KS57C0408
36 I/O Pins
Input only: 4 pins
I/O: 24 pins
N-channel open-drain I/O: 8 pins
Memory-Mapped I/O Structure
Data memory bank 15
8-Bit Basic Timer
4 interval timer functions
Two 8-Bit Timer/Counters
Programmable interval timer
External event counter function
Timer/counters clock outputs to TCLO0 and
TCLO1 pins
Watch Timer
Time interval generation: 0.5 s, 3.9 ms at
4.19 MHz
4 frequency outputs to the BUZ pin
8-Bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first or MSB-first transmission selectable
Bit Sequential Carrier
Supports 16-bit serial data transfer in arbitrary
format
Interrupts
3 external interrupt vectors
4 internal interrupt vectors
2 quasi-interrupts
Power-Down Modes
Idle: Only CPU clock stops
Stop: System clock stops
Oscillation Sources
Crystal or Ceramic for system clock
Oscillation frequency : 0.4 – 6.0MHz
CPU clock divider circuit (by 4. 8, or 64)
Instruction Execution Times
0.95, 1.91, 15.3
µs at 4.19 MHz
0.67, 1.33, 10.7
µs at 6.0 MHz
Operating Temperature
- 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V (Main)
2.0 V to 5.5 V (OTP)
Package Types
42-pin SDIP, 44-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
S3C7414The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn