Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM681000BLTI-7L Fiches technique(PDF) 10 Page - Samsung semiconductor

No de pièce KM681000BLTI-7L
Description  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLTI-7L Fiches technique(HTML) 10 Page - Samsung semiconductor

Back Button KM681000BLTI-7L Datasheet HTML 3Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 4Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 5Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 6Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 7Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 8Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 9Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 10Page - Samsung semiconductor KM681000BLTI-7L Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
PACKAGE DIMENSIONS
Units :MillimeterS(Inches)
0~15¡É
1.91
#1
32 DUAL INLINE PACKAGE (600mil)
#32
13.60 ¡¾ 0.20
0.535 ¡¾ 0.008
4.191 ¡¾ 0.20
1.650 ¡¾ 0.008
(
)
0.075
+0.10
MAX
42.31
1.666
0.25
-0.05
+0.004
0.010
-0.002
2.54
0.100
MAX
3.81 ¡¾ 0.20
0.150 ¡¾ 0.008
5.08
0.200
MIN
0.015
0.38
0.130 ¡¾ 0.012
3.30 ¡¾ 0.30
#16
#17
1.52 ¡¾ 0.10
0.060 ¡¾ 0.004
0.46 ¡¾ 0.10
0.018 ¡¾ 0.004
32 PLASTIC SMALL OUTLINE PACKAGE (525mil)
0~8¡É
#32
20.47 ¡¾ 0.20
0.806 ¡¾ 0.008
MAX
20.87
0.822
MAX
2.74 ¡¾ 0.20
0.108 ¡¾ 0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.71
(
)
0.028
11.43 ¡¾ 0.20
0.450 ¡¾ 0.008
0.80 ¡¾ 0.20
0.031 ¡¾ 0.008
+0.10
0.20
-0.05
+0.004
0.008
-0.002
14.12 ¡¾ 0.30
0.556 ¡¾ 0.012
#17
#16
1.27
0.050
+0.100
0.41
-0.050
+0.004
0.016
-0.002


Numéro de pièce similaire - KM681000BLTI-7L

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Description similaire - KM681000BLTI-7L

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com