Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM6264BLP-10 Fiches technique(PDF) 1 Page - Samsung semiconductor

No de pièce KM6264BLP-10
Description  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLP-10 Fiches technique(HTML) 1 Page - Samsung semiconductor

  KM6264BLP-10 Datasheet HTML 1Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 2Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 3Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 4Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 5Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 6Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 7Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 8Page - Samsung semiconductor KM6264BLP-10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
1
Function
Address Inputs
Write Enable Input
Chip Select Input
Output Enable Input
Data Input/Output
Power(5V)
Ground
No Connection
FEATURE SUMMARY
GENERAL DESCRIPTION
The KM6264B family is fabricated by SAMSUNG's
advanced CMOS process technology. The family
can support various operating temperature ranges
and has various package types for user flexibility of
system design. The family also support low data
retention voltage for battery back-up operations with
low data retention current.
PRODUCT FAMILY
KM6264BL
KM6264BL-L
KM6264BLE
KM6264BLE-L
KM6264BLI
KM6264BLI-L
Commercial
(0~70 °C)
Extended
(-25~-85 °C)
Industrial
(-40~85 °C)
70/100/120ns
100*ns
100*ns
28-DIP, 28-SOP
28-SOP
28-SOP
Power Dissipation
Standby(Isb1, Max)
100uA
10uA
100uA
50uA
100uA
50uA
Operating(Icc2)
PKG Type
Speed
Operating
Temperature
Product
Family
• Process Technology : CMOS
• Organization : 8K x 8
• Power Supply Voltage : Single 5V ± 10%
• Low Data Retention Voltage : 2V(Min)
• Three state output and TTL Compatible
• Package Type : JEDEC Standard
28-DIP, 28-SOP
8Kx8 bit Low Power CMOS Static RAM
PIN DESCRIPTION
Vcc
/WE
CS2
A8
A9
A11
/OE
A10
/CS1
I/O8
I/O7
I/O6
I/O5
I/O4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N.C
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
Vss
28-Pin DIP
28-Pin SOP
FUNCTIONAL BLOCK DIAGRAM
Pin Name
A0~A12
/WE
/CS1, CS2
/OE
I/O1~I/O8
Vcc
Vss
N.C
55mA
I/O1~8
Y-Decoder
I/O Buffer
Cell Array
A0~A12
/CS1, CS2
/WE, /OE
* measured with 30pF test load


Numéro de pièce similaire - KM6264BLP-10

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Description similaire - KM6264BLP-10

FabricantNo de pièceFiches techniqueDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com