Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM4132G271B Fiches technique(PDF) 7 Page - Samsung semiconductor

No de pièce KM4132G271B
Description  128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271B Fiches technique(HTML) 7 Page - Samsung semiconductor

Back Button KM4132G271B Datasheet HTML 3Page - Samsung semiconductor KM4132G271B Datasheet HTML 4Page - Samsung semiconductor KM4132G271B Datasheet HTML 5Page - Samsung semiconductor KM4132G271B Datasheet HTML 6Page - Samsung semiconductor KM4132G271B Datasheet HTML 7Page - Samsung semiconductor KM4132G271B Datasheet HTML 8Page - Samsung semiconductor KM4132G271B Datasheet HTML 9Page - Samsung semiconductor KM4132G271B Datasheet HTML 10Page - Samsung semiconductor KM4132G271B Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
KM4132G271B
CMOS SGRAM
- 7 -
Rev. 2.4 (May 1998)
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C VIH(min) /VIL(max) =2.0V/0.8V)
Parameter
Symbol
Test Condition
CAS
Latency
Speed
Unit
Note
-7
-8
-10
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC
≥ tRC(min), tCC ≥ tCC(min), IOL = 0 mA
180
160
150
mA
1
Precharge Standby Current
in power-down mode
ICC2 P
CKE
≤ VIL(max), tCC = 15ns
2
mA
ICC2 PS
CKE
≤ VIL(max), CLK ≤ VIL(max), tCC = ∞
2
Precharge Standby Current
in non power-down mode
ICC2 N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
35
mA
ICC2 NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
15
Active Standby Current
in power-down mode
ICC3 P
CKE
≤ VIL(max), tCC = 15ns
3
mA
ICC3 PS
CKE
≤ VIL(max), CLK ≤ VIL(max), tCC = ∞
3
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3 N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
50
mA
ICC3 NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
25
Operating Current
(Burst Mode)
ICC4
IOL = 0 mA, Page Burst
All bank Activated, tCCD = tCCD (min)
3
300
280
210
mA
1
2
180
180
160
Refresh Current
ICC5
tRC
≥ tRC(min)
90
90
90
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
2
mA
Operating Current
(One Bank Block Write)
ICC7
tCC
≥ tCC(min), IOL=0mA, tBWC (min)
210
190
150
mA
Note : 1. Measured with outputs open. Addresses are changed only one time during tcc(min).
2. Refresh period is 32ms. Addresses are changed only one time during tcc(min).


Numéro de pièce similaire - KM4132G271B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-10 SAMSUNG-KM4132G271A-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-12 SAMSUNG-KM4132G271A-12 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-8 SAMSUNG-KM4132G271A-8 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271AQ-10 SAMSUNG-KM4132G271AQ-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
More results

Description similaire - KM4132G271B

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com