Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

950506 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 950506
Description  8.00mm (.315") Pitch Beau??Eurostyle??Fixed Mount, High Voltage PCB Terminal Block, Vertical, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX5 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

950506 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  950506 Datasheet HTML 1Page - Molex Electronics Ltd. 950506 Datasheet HTML 2Page - Molex Electronics Ltd. 950506 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399500106
Status:
Active
Description:
8.00mm (.315") Pitch Beau™ Eurostyle™ Fixed Mount, High Voltage PCB Terminal
Block, Vertical, 6 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39950
Application
Wire-to-Board
Comments
High Power
Component Type
One Piece
Product Literature Order No
USA-199
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
6
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.160 In
PC Tail Length (mm)
4.06 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.102 In
PCB Thickness Recommended (mm)
2.60 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.315 In
Pitch - Mating Interface (mm)
8.00 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
N/A
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 4.00
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
600V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39950Series
Mates With
N/A


Numéro de pièce similaire - 950506

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
950506 MOLEX11-950506 Datasheet
39Kb / 2P
   8.00mm Pitch Beau Eurostyle Fixed Mount, High Voltage PCB Terminal Block
logo
List of Unclassifed Man...
9505060100 ETC2-9505060100 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9505060100 ETC2-9505060100 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
9505060100 ETC2-9505060100 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
95050601000 ETC2-95050601000 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com