Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RS5RM Fiches technique(PDF) 3 Page - RICOH electronics devices division

No de pièce RS5RM
Description  PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RM Fiches technique(HTML) 3 Page - RICOH electronics devices division

  RS5RM Datasheet HTML 1Page - RICOH electronics devices division RS5RM Datasheet HTML 2Page - RICOH electronics devices division RS5RM Datasheet HTML 3Page - RICOH electronics devices division RS5RM Datasheet HTML 4Page - RICOH electronics devices division RS5RM Datasheet HTML 5Page - RICOH electronics devices division RS5RM Datasheet HTML 6Page - RICOH electronics devices division RS5RM Datasheet HTML 7Page - RICOH electronics devices division RS5RM Datasheet HTML 8Page - RICOH electronics devices division RS5RM Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
RS5RM
××××× ×× ← Part Number
↑↑ ↑
ab c
d
SELECTION GUIDE
In the RS5RM Series, the output voltage, the detector threshold, the version symbols, and the taping type for
the ICs can be selected at the user's request.
The selection can be made by designating the part number as shown below:
For example, the product with Output Voltage 5.0V, Detector Threshold 4.5V, Version A, and Taping Type T1,
is designated by Part Number RS5RM5045A-T1.
Code
Contens
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.1V in the range of 1.5V to 6.0V is possible.
b
Setting Detector Threshold (–VDET):
Stepwise setting with a step of 0.1V in the range of 1.2V to 5.0V is possible.
Designation of Version Symbols:
c
A:
Operation of all the internal circuits is stopped by setting CE pin at VDD level.
B:
Operation of only Step-up DC/DC converter is stopped by setting CE pin atVDD level.
Designation of Taping Type:
d
Ex. 8pin SOP
: T1, T2
(refer to Taping Specification)
“T2” is prescribed as a standard.
RS5RM
BLOCK DIAGRAM
+
+
+
VSS
CE
VDOUT
VDIN
Soft Start
Vref1
Vref2
PWM
OSC
VLX Limiter
1
2
3
45
6
7
8
LX
EXT
VDD
VOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30