Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RS5RJ Fiches technique(PDF) 3 Page - RICOH electronics devices division

No de pièce RS5RJ
Description  VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5RJ Fiches technique(HTML) 3 Page - RICOH electronics devices division

  RS5RJ Datasheet HTML 1Page - RICOH electronics devices division RS5RJ Datasheet HTML 2Page - RICOH electronics devices division RS5RJ Datasheet HTML 3Page - RICOH electronics devices division RS5RJ Datasheet HTML 4Page - RICOH electronics devices division RS5RJ Datasheet HTML 5Page - RICOH electronics devices division RS5RJ Datasheet HTML 6Page - RICOH electronics devices division RS5RJ Datasheet HTML 7Page - RICOH electronics devices division RS5RJ Datasheet HTML 8Page - RICOH electronics devices division RS5RJ Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
SELECTION GUIDE
In the RS5RJ Series, the output voltage, the detector threshold, the version symbols, and the taping type for
the ICs can be selected at the user's request.
The selection can be made by designating the part number as shown below:
For example, the product with Output Voltage 5.0V, Detector Threshold 4.5V, Version A, and Taping Type T1,
is designated by Part Number RS5RJ5045A-T1.
RS5RJ
BLOCK DIAGRAM
+
+
+
VSS
CE
VDOUT
VDIN
Vref1
Vref2
VFM
OSC
1
2
3
4
5
6
7
8
LX
EXT
VDD
VOUT
VLX Limiter
RS5RJ
××××× ×× ← Part Number
↑↑ ↑
ab c
d
Code
Contens
Setting Output Voltage (VOUT):
a
Stepwise setting with a step of 0.6V in the range of 1.5V to 6.0V is possible.
b
Setting Detector Threshold Voltage (–VDET):
Stepwise setting with a step of 0.1V in the range of 1.2V to 5.0V is possible.
Designation of Version Symbols:
c
A:
Operation of all the internal circuits is stopped by setting CE pin at VDD level.
B:
Operation of only Step-up DC/DC converter is stopped by setting CE pin atVDD level.
Designation of Taping Type:
d
Ex. 8pin SOP
: T1, T2
(refer to Taping Specification)
“T2” is prescribed as a standard.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RS5RM PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR  1  2  3  4  5  More RICOH electronics devices division
MB3883 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down 1  2  3  4  5  More Fujitsu Component Limited.
XC9510 Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector 1  2  3  4  5  More Torex Semiconductor
XC9509 Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector 1  2  3  4  5  More Torex Semiconductor
MDT763022 Step-up DC/DC Converter with Voltage Detector 1  2  3  4  Micon Design Technology Corporation
NCP1411 Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer 1  2  3  4  5  More ON Semiconductor
MB3827 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down 1  2  3  4  5  More Fujitsu Component Limited.
MB3881 8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 1  2  3  4  5  More Fujitsu Component Limited.
2SC4754 NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING HIGH SPEED DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS 1  2  3  Toshiba Semiconductor
2SK2267 N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1  2  3  4  5  Toshiba Semiconductor