Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D-656-10XT Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce D-656-10XT
Description  InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

D-656-10XT Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  D-656-10XT Datasheet HTML 1Page - Molex Electronics Ltd. D-656-10XT Datasheet HTML 2Page - Molex Electronics Ltd. D-656-10XT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710181
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
10 (M5)
Wire Insulation Diameter
6.70mm (.265") max.
Wire Size AWG
8
Wire Size mm²
6.60 - 10.5
Material Info
Old Part Number
D-656-10XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19071-002
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals designed
for large wire guages
0190472030
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190472060
This document was generated on 03/18/2010


Numéro de pièce similaire - D-656-10XT

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
D-656-10X MOLEX4-D-656-10X Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
More results

Description similaire - D-656-10XT

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0190710177 MOLEX4-0190710177 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 06, Mylar Tape Carrier
0190710179 MOLEX4-0190710179 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 08, Mylar Tape Carrier
0190710184 MOLEX4-0190710184 Datasheet
171Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 14, Mylar Tape Carrier
0190700122 MOLEX4-0190700122 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 8, Length27.33mm (1.076"), Mylar Tape Carrier
0190700154 MOLEX4-0190700154 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 3/8", Length34.21mm (1.347"), Mylar Tape Carrier
0190700120 MOLEX4-0190700120 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length27.33mm (1.076"), Mylar Tape Carrier
0190700144 MOLEX4-0190700144 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length26.21mm (1.032"), Mylar Tape Carrier
0190750024 MOLEX4-0190750024 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0190700133 MOLEX4-0190700133 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4", Length31.60mm (1.243"), Mylar Tape Carrier
0190700156 MOLEX4-0190700156 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16", Length34.21mm (1.347"), Mylar Tape Carrier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com