Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19215-004 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-19215-004
Description  Step Down Butt Splice for 6-8 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19215-004 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-19215-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19215-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19215-004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192150042
Status:
Active
Description:
Step Down Butt Splice for 6-8 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19215
Comments
Step down: 6 to 8 AWG
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Step Down
Physical
Barrel Type
Closed
Insulation
None
Packaging Type
Bag
Temperature Range - Operating
149°C
Wire Insulation Diameter
N/A
Wire Size AWG
6, 8
Wire Size mm²
N/A
Material Info
Old Part Number
ED-362
Reference - Drawing Numbers
Sales Drawing
SD-19215-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19215Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900004
Hand Crimp Tool
0640013900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640074300
Putt Pump Dieless
Head System
0192860065


Numéro de pièce similaire - SD-19215-004

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19215-004 MOLEX4-SD-19215-004 Datasheet
108Kb / 3P
   Step Down Butt Splice for 8-12 AWG Wire
SD-19215-004 MOLEX4-SD-19215-004 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
More results

Description similaire - SD-19215-004

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0192150037 MOLEX4-0192150037 Datasheet
108Kb / 3P
   Step Down Butt Splice for 8-12 AWG Wire
0191540047 MOLEX4-0191540047 Datasheet
69Kb / 2P
   Step Down Butt Splice for 6-8 AWG Wire Blue w/Red Stripe
0192150013 MOLEX4-0192150013 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
0192150023 MOLEX4-0192150023 Datasheet
107Kb / 2P
   Step Down Butt Splice for 10-16 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0192020055 MOLEX4-0192020055 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 6 AWG Wire
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
   NylaKrimp??Butt Splice for 8 AWG Wire
0192150034 MOLEX4-0192150034 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 8 AWG Wire
0191540044 MOLEX4-0191540044 Datasheet
69Kb / 2P
   Step Down Butt Splice for 8-12 AWG Wire Red w/Yellow Strip
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com