Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-35362-002 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-35362-002
Description  2.00mm (.079") Pitch Sherlock?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35362-002 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-35362-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35362-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35362-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-35362-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-35362-002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353620950
Status:
Active
Overview:
sherlock
Description:
2.00mm (.079") Pitch Sherlock™ Wire-to-Board Header, Vertical, with Positive Lock, 9
Circuits, with Kinked PC Tails, Natural
Documents:
3D Model
Product Specification PS-35507-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35362
Application
Wire-to-Board
Overview
sherlock
Product Name
Sherlock™
Physical
Breakaway
No
Circuits (Loaded)
9
Circuits (maximum)
9
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.335 In
Mated Height (mm)
8.50 mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35362Series
Mates With
35507 Sherlock™ Wire-to-Board Housing
Use With
502128000 Terminal


Numéro de pièce similaire - SD-35362-002

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-35362-002 MOLEX4-SD-35362-002 Datasheet
353Kb / 5P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Header
SD-35362-002 MOLEX4-SD-35362-002 Datasheet
353Kb / 5P
   2.00mm (.079") Pitch Sherlock?
SD-35362-002 MOLEX4-SD-35362-002 Datasheet
353Kb / 5P
   2.00mm (.079") Pitch Sherlock?
SD-35362-002 MOLEX4-SD-35362-002 Datasheet
444Kb / 6P
   2.00mm (.079") Pitch Sherlock?
SD-35362-002 MOLEX4-SD-35362-002 Datasheet
244Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Header
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com