Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-19035-001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-19035-001
Description  Avikrimp??Snap Plug, for 14-16 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX4 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19035-001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-19035-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19035-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Numéro de pièce similaire - SD-19035-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-19033-001 MOLEX4-SD-19033-001 Datasheet
80Kb / 2P
   Krimptite??Snap Plug, for 18-22 AWG Wire
SD-19036-001 MOLEX4-SD-19036-001 Datasheet
127Kb / 3P
   Avikrimp??Snap Plug, for 14-16 AWG Wire
SD-19036-001 MOLEX4-SD-19036-001 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug
SD-19037-002 MOLEX4-SD-19037-002 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle
SD-19038-001 MOLEX4-SD-19038-001 Datasheet
93Kb / 2P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire
More results

Description similaire - SD-19035-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0190360007 MOLEX4-0190360007 Datasheet
127Kb / 3P
   Avikrimp??Snap Plug, for 14-16 AWG Wire
0190390007 MOLEX4-0190390007 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire
0191150031 MOLEX4-0191150031 Datasheet
64Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191150079 MOLEX4-0191150079 Datasheet
64Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191150024 MOLEX4-0191150024 Datasheet
69Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191150022 MOLEX4-0191150022 Datasheet
69Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0190350009 MOLEX4-0190350009 Datasheet
98Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 22.55mm (.888") Length
0190360006 MOLEX4-0190360006 Datasheet
127Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 24.31mm (.957") Length
0190360008 MOLEX4-0190360008 Datasheet
127Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 22.78mm (.897") Length
0190390006 MOLEX4-0190390006 Datasheet
120Kb / 3P
   Avikrimp??Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156")
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com