Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-501MD Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LA-501MD
Description  High efficiency, single-digit numeric displays
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-501MD Datasheet(HTML) 1 Page - Rohm

  LA-501MD Datasheet HTML 1Page - Rohm LA-501MD Datenblatt HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LA-501DN Series
LED displays
High efficiency, single-digit numeric
displays
LA-501DN Series
The LA-501DN series were designed to meet
the need for 13mm single-digit numeric
displays. These LED numeric displays use
GaAsP on GaP for the emitting material (with
the exception of green) and are housed in an
epoxy resin package. They are single-digit
displays with a character height of 13.0mm.
!
!
!
!Features
1) Height of character: 13.0mm
2) Common anode and common cathode
configurations are available for each color.
3) High-efficiency reflectors are used to
achieve a bright, clear display.
4) The package surface is painted black and
the segments are colored the display color.
!
!
!
!External dimensions
(Units : mm)
(10.16)
(2.54)
0.5
12.5
10
?1.25
7.4
1.25
Tolerances are
0.2 unless otherwise noted:
!
!
!
!Selection guide
Emitting color
Common
Anode
Cathode
? Order-based production.
Red
LA-501VD
LA-501VN
Orange
LA-501DD?
LA-501DN?
Green
LA-501MD
LA-501MN
!
!
!
!Pin assignments
Pin No.
+ + + + +
+ + + + +
a
g
d
fb
e
c
D.P
10 9
7
86
12345
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn