Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-601 Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LA-601
Description  High efficiency, single-digit numeric displays
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-601 Datasheet(HTML) 1 Page - Rohm

  LA-601 Datasheet HTML 1Page - Rohm LA-601 Datenblatt HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LA-601BL Series
LED displays
High efficiency, single-digit numeric
displays
LA-601BL Series
The LA-601BL series are LED numeric displays
designed to be used in bright locations. Red, orange, and
green are available, and they are suitable for use in a
wide range of applications.
!Features
1) Height of display: 14.6 mm.
2) Dimensions: 12.5 x 19 x 8 mm
3) Common anode and common cathode configurations
are available for each color.
4) High efficiency reflectors are used to achieve a bright,
clear display.
5) The package surface is painted black and the
segments are colored the display color.
!
!
!
!External Dimensions
(Units: mm)
Tolerances are ±0.3 unless otherwise noted :
10˚
12.5−0.5
+0
φ1.8
0.5
(2.54)
(10.16)
8.3
1.6
!
!
!
!Selection guide
Emitting color
Common
Anode
Cathode
Red
LA-601VB
LA-601VL
Orange
LA-601DB
LA-601DL
∗ Order-based production.
Green
LA-601MB
LA-601ML
!
!
!
!Pin assignments
Pin No.
a
g
d
f
b
ec
D.P
++ + + +
++ + + +
10 98
76
123
4
5
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn