Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-501DN Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce LA-501DN
Description  High efficiency, single-digit numeric displays
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-501DN Datasheet(HTML) 2 Page - Rohm

  LA-501DN Datenblatt HTML 1Page - Rohm LA-501DN Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LA-501DN Series
LED displays
!
!
!
!Internal circuit schematic
(example of common cathode)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
!Absolute maximum ratings
(Ta = 25
C)
LA-501MD / MN
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LA-501VD / VN
Unit
mW
mW
mA
mA
V
C
C
480
60
20
60?
5
Orange
LA-501DD / DN
480
60
20
60?
5
Green
480
60
20
60?
5
?25~+75
?30~+85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
? Pulse width 1ms duty 1 / 5
!
!
!
! Electrical and optical characteristics
(Ta = 25
C)
Not designed for radiation resistance.
Symbol
Unit
Parameter
Red
Spectral line half width
??
?
nm
Peak wavelength
?P
?
nm
Reverse current
IR
?
A
Forward voltage
VF
Conditions
IF
= 10mA
IF
= 10mA
VR
= 5V
IF
= 10mA
?
Min.
40
650
?
2.0
Typ.
?
?
100
2.8
Max.
Orange
?
?
?
?
Min.
40
610
?
2.0
Typ.
?
?
100
2.8
Max.
Green
?
?
?
?
Min.
40
563
?
2.1
Typ.
?
?
100
2.8
Max.
V
!
!
!
! Luminous intensity
?P
Unit
Color
Red
650
Type
LA-501VN
LA-501VD
Min.
5.6
Typ.
16
Max.
?
mcd
Orange
610
LA-501DN
LA-501DD
5.6
16
?
mcd
Green
563
LA-501MN
LA-501MD
5.6
16
?
mcd
Note : Measured at IF
= 10 mA


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn