Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2114F Fiches technique(PDF) 3 Page - Rohm

No de pièce BU2114F
Description  8-bit shift register and latch driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU2114F Fiches technique(HTML) 3 Page - Rohm

  BU2114F Datasheet HTML 1Page - Rohm BU2114F Datasheet HTML 2Page - Rohm BU2114F Datasheet HTML 3Page - Rohm BU2114F Datasheet HTML 4Page - Rohm BU2114F Datasheet HTML 5Page - Rohm BU2114F Datasheet HTML 6Page - Rohm BU2114F Datasheet HTML 7Page - Rohm BU2114F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Standard ICs
BU2114 / BU2114F
Pin descriptions
Symbol
1
SIN
I
Serial data input pin
2CK
I
Shift clock for shift register
3
LATCH
I
shift register output changes.
4
SOUT
O
This is the output for the final-stage shift register.
5EN
I
This is the Enable pin for O1 to O8. When this pin is
When the output is "H", however, output QN is "L",
6
RST
I
Resets the shift register and latch.
7GND
8GND
9GND
10
O8
O
Latch output for 8th stage of shift register
11
O7
O
Latch output for 7th stage of shift register
12
O6
O
Latch output for 6th stage of shift register
13
O5
O
Latch output for 5th stage of shift register
14
O4
O
Latch output for 4th stage of shift register
15
O3
O
Latch output for 3rd stage of shift register
16
O2
O
Latch output for 2nd stage of shift register
17
O1
O
Latch output for 1st stage of shift register
18
VDD
Setting this pin to "L" holds the latch output. While it is
"H", latch output changes simultaneously when the
"L", the latch output appears as is.
and when the latch output is "L", Qn becomes High-
Z
+ VDD power supply
0V power supply
0V power supply
0V power supply
Note 1) O1 to O8 are open drain output, and when the shift register output is "H", the output level goes "L".
Pin No.
I / O
Function


Numéro de pièce similaire - BU2114F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21170MUV-E2 ROHM-BU21170MUV-E2 Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Description similaire - BU2114F

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
   8 BIT LATCH/SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
   8-Bit Shift Register/Latch
2018-06-22
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
   8-bit Latch / Shift Register
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com