Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848BW Fiches technique(PDF) 5 Page - Rohm

No de pièce BC848BW
Description  NPN General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BC848BW Fiches technique(HTML) 5 Page - Rohm

  BC848BW Datasheet HTML 1Page - Rohm BC848BW Datasheet HTML 2Page - Rohm BC848BW Datasheet HTML 3Page - Rohm BC848BW Datasheet HTML 4Page - Rohm BC848BW Datasheet HTML 5Page - Rohm BC848BW Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC848BW / BC848B
Transistors
Rev.A
5/5
Ta
=25°C
VCE
=5V
f
=30Hz
0.01
0.1
1
10
10k
1k
100k
100
IC-COLLECTOR CURRENT (mA)
Fig.20 Noise characteristics ( )
Ta
=25°C
VCE
=5V
f
=1kHz
0.01
0.1
1
10
10k
1k
100k
100
IC-COLLECTOR CURRENT (mA)
Fig.21 Noise characteristics (
)
Ta
=25°C
VCE
=5V
f
=10kHz
0.01
0.1
1
10
10k
1k
100k
100
IC-COLLECTOR CURRENT (mA)
Fig.22 Noise characteristics (
)


Numéro de pièce similaire - BC848BW

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC848BW SIEMENS-BC848BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC848BW DIOTEC-BC848BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC848BW DIODES-BC848BW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Taiwan Semiconductor Co...
BC848BW TSC-BC848BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Infineon Technologies A...
BC848BW INFINEON-BC848BW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Description similaire - BC848BW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com