Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA7746S Fiches technique(PDF) 11 Page - Rohm

No de pièce BA7746S
Description  VCR Hi-Fi audio signal REC / PB amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA7746S Fiches technique(HTML) 11 Page - Rohm

Back Button BA7746S Datasheet HTML 4Page - Rohm BA7746S Datasheet HTML 5Page - Rohm BA7746S Datasheet HTML 6Page - Rohm BA7746S Datasheet HTML 7Page - Rohm BA7746S Datasheet HTML 8Page - Rohm BA7746S Datasheet HTML 9Page - Rohm BA7746S Datasheet HTML 10Page - Rohm BA7746S Datasheet HTML 11Page - Rohm BA7746S Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Video ICs
BA7746S / BA7746FS
Operation notes
(1) preamplifier
The preamplifier in this IC is a high-gain amplifier for
FM audio. This amplifier has been carefully designed
for stability. However, the design of the PCB greatly
effects the stability of the preamplifier. A list of general
precautions are given below. Take note when design-
ing the PCB.
1)The oscillation margin is reduced when the input
and output patterns are physically close.
The input and output wiring should not come out of
the same side of tha IC.
Good example
Bad example
2)The GND pattern should be connected at one point
to the main IC GND (pin 16). In addition, the pream-
plifier input-side GND and output-side GND should
be as close as possible to the main IC GND.
Good example
Bad example
3)A large GND pattern under the IC has a shielding
effect, and reduced the chance of picking up exter-
nal noise.
4)When the preamplifier is connected to a capacitive
load such as shilded wire, or when the output cur-
rent is large, the output may oscillate. In this case,
connect a resistor to the preamplifier output (approx.
390
Ω).
IC
Input
Output
PRE
GND
MAIN
IC
RL
GND
GND
Output
Output
Input
390
REC
PRE
HEAD AMP
660mVP-P
BA7746S / FS
270mVP-P
BH780XK series
REC
LPF
REC
LPF
MOD
MOD
FM
BPF
DE
MOD
Connection example for BA7746S / BA7746FS and BH780XK series.
Hi-Fi AUDIO
IC
Output
Input
PRE
GND
MAIN
IC
RL
GND
GND
Output
Output
Input


Numéro de pièce similaire - BA7746S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7745 ROHM-BA7745 Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
More results

Description similaire - BA7746S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Panasonic Semiconductor
AN3316K PANASONIC-AN3316K Datasheet
26Kb / 2P
   Recording/Playback Amplifier IC for VCR Hi-Fi Audio
logo
Sony Corporation
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com