Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA7655A Fiches technique(PDF) 3 Page - Rohm

No de pièce BA7655A
Description  Dual Voltage-controlled Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA7655A Fiches technique(HTML) 3 Page - Rohm

  BA7655A Datasheet HTML 1Page - Rohm BA7655A Datasheet HTML 2Page - Rohm BA7655A Datasheet HTML 3Page - Rohm BA7655A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Multimedia ICs
BA7655A / BA7655AF
Electrical characteristics (unless otherwise noted , Ta = 25°C , VCC = 5.0V)
Not designed for radiation resistance.
Items marked with an asterisk are rerference values.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Voltage
Conditions
Supply current
One channel
ICC1
4.6
7.0
mA
3.0
Set control voltage to 1V or less,
when only one channel is used.
Both channels
ICC2
7.8
12.0
Maximum output voltage
VMax.
2.5
2.8
VP-P
5.0
Frequency characteristics
Gf
– 1.0
0.0
dB
3.0
Minimum voltage gain
GVMin. – 8.0
– 6.0
– 4.0
dB
2.0
f = 1MHz
Maximum voltage gain
GVMax.
4.0
6.0
8.0
dB
5.0
f = 1MHz
Secondary harmonic distortion
2HD
– 40
dB
3.0
Audio distortion
AD
1.0
%
3.0
Muting output voltage
VMUTE
100
mV
1.0
Set control voltage to 1 V or less
V S / N
– 60
dB
3.0
A S / N
– 60
dB
3.0
Audio
S / N
Video
S / N
1.0
f = 1kHz, THD = 1%
f = 13MHz / 1MHz, VIN = 0.5VP-P
f = 5.0M, VIN = 1VP-P
f = 1kHz, VIN = 1VP-P
Circuit operation
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
POWER SAVE MODE
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
Control voltage (V)
Fig. 1 Voltage gain vs.
control voltage characteristics
The gain of a VCA (voltage-controlled amplifier) can be
varied by an external control voltage. By varying the
control voltage from 2V to 5V (in the case of a 5V
power supply), the gain of the amplifiers in this IC can
be varied over the range -6dB to +6dB (see Figs. 1
and 2 below).
When only one of the two amplifiers is being used, by
setting the voltage on the CTL pin of the unused ampli-
fier to 1V or less, it can be put into Power Save Mode.
In Power Save Mode, the circuit current for the IC is
cut by 40%, and the output is muted.
VCA
IN
OUT
Control voltage
Fig. 2
CTL Voltage
Status
2V ~ 5V
Variable gain
1V or less
Power save


Numéro de pièce similaire - BA7655A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
65Kb / 6P
   Video signal swither, 1 x 3-channel with clamped-input
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
   Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
   Video signal switcher, 1 x 3-channel with clamped-input
More results

Description similaire - BA7655A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
   DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Curtis Electromusic.
CEM3330 CES-CEM3330 Datasheet
3Mb / 8P
   Dual Voltage Controlled Amplifier
logo
JSC ALFA.
AS3330 ALFA-AS3330 Datasheet
391Kb / 3P
   Dual Voltage Controlled Amplifier (VCA)
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
   Dual Voltage Controlled Amplifier (VCA)
logo
List of Unclassifed Man...
SSM2020 ETC-SSM2020 Datasheet
242Kb / 4P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2022 ETC-SSM2022 Datasheet
210Kb / 3P
   DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
   VOLTAGE CONTROLLED AMPLIFIER
logo
Analog Devices
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
logo
Teledyne Technologies I...
AGC1053 TELEDYNE-AGC1053 Datasheet
138Kb / 8P
   Voltage-Controlled AGC Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com