Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA7357 Fiches technique(PDF) 10 Page - Rohm

No de pièce BA7357
Description  VIF / SIF signal processor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA7357 Fiches technique(HTML) 10 Page - Rohm

Back Button BA7357 Datasheet HTML 6Page - Rohm BA7357 Datasheet HTML 7Page - Rohm BA7357 Datasheet HTML 8Page - Rohm BA7357 Datasheet HTML 9Page - Rohm BA7357 Datasheet HTML 10Page - Rohm BA7357 Datasheet HTML 11Page - Rohm BA7357 Datasheet HTML 12Page - Rohm BA7357 Datasheet HTML 13Page - Rohm BA7357 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Video ICs
BA7357S
5% distortion
Intermode P = 80dB
µ, P / S = 20dB
(use FET probe)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈SIF〉 P = 38.9MHz / 80dBµ S = 33.4MHz / 70dBµ – 12dB (SAW Filter Loss)
fm = 400Hz,
∆f = 50kHz
VSMin.
—33
dB
µ
24
VSMax.
80
dB
µ
90
VSO
350
700
mVrms
fm = 400Hz,
∆f = 50kHz
520
SNAF
52
dB
64
THD
1.5
%
0.3
AMR
40
dB
56
VVMUTE
1.2
V
fm = 400Hz,
∆f = 50kHz
fm = 400Hz,
∆f = 50kHz
∆f = 25kHz, AM30%
VPIO = GND
0.7
VPIO = GND
VSMUTE
2.3
3.5
V
2.9
VIOMUTE
0.3
V
V9INT
0.1
1.0
V
VVO4.5M
10
40
mVP-P
20
〈MODE〉
REF – OSC = 5MHz
V15M
0.5
V
0
REF – OSC = 6MHz
V15BG
6.0
V
Vreg
REF – OSC = 6MHz
V15DK
2.20
2.60
V
2.40
REF – OSC = 6.5MHz
V15I
4.10
4.50
V
4.30
Input sensitivity
SIF maximum allowable input level
FM detector output level
Audio output S / N
Audio output distortion
AMR
MUTE video output voltage
MUTE audio output voltage
MUTE start voltage
Intermode switch voltage
MODE voltage (M)
MODE voltage (B / G)
MODE voltage (D / K)
MODE voltage (I)
VO4.5M output level


Numéro de pièce similaire - BA7357

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7356S ROHM-BA7356S Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
More results

Description similaire - BA7357

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
   VIF/SIF signal processor
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
logo
Panasonic Semiconductor
AN5160NK PANASONIC-AN5160NK Datasheet
184Kb / 3P
   VIF SIF VIDEO COLOR AND SYNCHRONOUS SIGNAL PROCESSOR IC
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com